Electronic Components Datasheet Search
  English  ▼

X  

AS3932 Datasheet(PDF) 11 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 11 Page - ams AG

Back Button AS3932_07 Datasheet HTML 7Page - ams AG AS3932_07 Datasheet HTML 8Page - ams AG AS3932_07 Datasheet HTML 9Page - ams AG AS3932_07 Datasheet HTML 10Page - ams AG AS3932_07 Datasheet HTML 11Page - ams AG AS3932_07 Datasheet HTML 12Page - ams AG AS3932_07 Datasheet HTML 13Page - ams AG AS3932_07 Datasheet HTML 14Page - ams AG AS3932_07 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
11 - 34
AS3932
Datasheet - Detailed Descr i p ti on
8 Detailed Description
The AS3932 is a three-dimensional low power low-frequency wake-up receiver. The AS3932 is capable to detect the presence of an inductive
coupled carrier and extract the envelope of the On-Off-Keying (OOK) modulated carrier. In case the carrier is Manchester coded the clock is
recovered from the transmitted signal and the data can be correlated with a programmed pattern. If the detected pattern corresponds to the
stored one a wake-up signal (IRQ) is risen up. The pattern correlation can be bypassed in which case the wake-up detection is based only on the
frequency detection.
The AS3932 is made up by three independent receiving channels, one envelop detector, one data correlator, 8 programmable registers with the
main logic and a real time clock.
The digital logic can be accessed by an SPI. The real time clock can be based on a crystal oscillator or on an internal RC one. If the internal RC
oscillator is used, a calibration procedure can be performed to improve its accuracy.
Figure 10. Block Diagram of LF Wake-up Receiver AS3932
Wake-up
Main Logic
Envelope Detector /
Data Slicer
Correlator
I/V
Bias
Xtal RTC
Xin
RC RTC
SPI
Channel
Amplifier 1
Channel
Amplifier 2
Channel
Amplifier 3
RSSI
RSSI
RSSI
Data
Data
Data
IRQ
Xout
GND
VCC
LF1P
LF2P
LF3P
SCL
SDI
SDO
LFN
DAT
CS
Channel
Selector
Freq. OK
Freq. OK
Freq. OK
AS3932



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com