Electronic Components Datasheet Search
  English  ▼

X  

AS3932 Datasheet(PDF) 13 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 13 Page - ams AG

Back Button AS3932_07 Datasheet HTML 9Page - ams AG AS3932_07 Datasheet HTML 10Page - ams AG AS3932_07 Datasheet HTML 11Page - ams AG AS3932_07 Datasheet HTML 12Page - ams AG AS3932_07 Datasheet HTML 13Page - ams AG AS3932_07 Datasheet HTML 14Page - ams AG AS3932_07 Datasheet HTML 15Page - ams AG AS3932_07 Datasheet HTML 16Page - ams AG AS3932_07 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
13 - 34
AS3932
Datasheet - Detailed Descr i p ti on
ON/OFF mode (Low Power mode 2). All active channels are on at the same time but not for the whole time (time slot T is defined as 1ms).
An on-off duty-ratio is defined. This duty ratio is programmable see R4<7:6>.
Figure 12. ON/OFF Mode
For each of these sub modes it is possible to enable a further feature called Artificial Wake-up. The Artificial Wake-up is a counter based on the
used RTC. Three bits define a time window see R8<2:0>. If no activity is seen within this time window the chip will produce an interrupt on the
WAKE pin that lasts 128 µs. With this interrupt the microcontroller (µC) can get feedback on the surrounding environment (e.g. read the false
wake-up register R13<7:0>) and/or take actions in order to change the setup.
8.1.3 Preamble Detection / Pattern Correlation
The preamble detection and pattern correlation are only considered for the wake-up when the data correlator function is enabled (see R1<1>).
The correlator searches first for preamble frequency (constant frequency of Manchester clock defined according to bit-rate transmission, see
Table 19) and then for data pattern.
If the pattern is matched the wake-up interrupt is displayed on the WAKE output and the chip goes in Data receiving mode. If the pattern fails the
internal wake-up (on all active channels) is terminated and no IRQ is produced.
8.1.4 Data Receiving
After a successful wake-up the chip enters the data receiving mode. In this mode the chip can be retained a normal OOK receiver. The received
data are streamed out on the pin DAT. It is possible to put the chip back to listening mode either with a direct command (CLEAR_WAKE (see
Table 12)) or by using the timeout feature. This feature automatically sets the chip back to listening mode after a certain time R7<7:5>.
time
time
time
Channel 1
Channel 2
Channel 3
time
Presence
of carrier
t 0
t 0 + T
2* t 0
2* t 0 + T
3* t 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com