Electronic Components Datasheet Search
  English  ▼

X  

AS3932 Datasheet(PDF) 5 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 5 Page - ams AG

  AS3932_07 Datasheet HTML 1Page - ams AG AS3932_07 Datasheet HTML 2Page - ams AG AS3932_07 Datasheet HTML 3Page - ams AG AS3932_07 Datasheet HTML 4Page - ams AG AS3932_07 Datasheet HTML 5Page - ams AG AS3932_07 Datasheet HTML 6Page - ams AG AS3932_07 Datasheet HTML 7Page - ams AG AS3932_07 Datasheet HTML 8Page - ams AG AS3932_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
5 - 34
AS3932
Datasheet - Pin Assignm ents
4 Pin Assignments
4.1 TSSOP Package
Figure 4. Pin Assignments 16-pin TSSOP Package
4.1.1 Pin Descriptions
Table 1. Pin Descriptions 16-pin TSSOP Package
Pin Name
Pin
Number
Pin Type
Description
CS
1
Digital input
Chip select
SCL
2
SDI interface clock
SDI
3
SDI data input
SDO
4
Digital output / tristate
SDI data output (tristate when CS is low)
VCC
5
Supply pad
Positive supply voltage
GND
6
Supply pad
Negative supply voltage
LF3P
7
Analog I/O
Input antenna channel three
LF2P
8
Input antenna channel two
LF1P
9
Input antenna channel one
LFN
10
Common ground for antenna one, two and three
XIN
11
Crystal oscillator input
XOUT
12
Crystal oscillator output
VSS
13
Supply pad
Substrate
WAKE
14
Digital output
Wake-up output IRQ
DAT
15
Data output
NC
16
-
Not connected
AS3932
1
2
3
4
5
6
7
12
16
15
14
13
SCL
SDI
SDO
VCC
GND
LF3P
DAT
WAKE
VSS
XOUT
XIN
LFN
11
10
CS
NC
8
9
LF2P
LF1P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com