Electronic Components Datasheet Search
  English  ▼

X  

AS3932 Datasheet(PDF) 31 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 31 Page - ams AG

Back Button AS3932_07 Datasheet HTML 26Page - ams AG AS3932_07 Datasheet HTML 27Page - ams AG AS3932_07 Datasheet HTML 28Page - ams AG AS3932_07 Datasheet HTML 29Page - ams AG AS3932_07 Datasheet HTML 30Page - ams AG AS3932_07 Datasheet HTML 31Page - ams AG AS3932_07 Datasheet HTML 32Page - ams AG AS3932_07 Datasheet HTML 33Page - ams AG AS3932_07 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
31 - 34
AS3932
Datasheet - Pack a ge Drawin gs and Ma r k ings
The product is available in a 16LD QFN (4x4) package.
Figure 23. Drawings and Dimensions
Marking: YYWWXZZ.
YY
WW
X
ZZ
@
Year (i.e. 10 for 2010)
Manufacturing Week
Assembly plant identifier
Assembly traceability code
Sublot identifier
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
0.20 REF
L
0.40
0.50
0.60
L1
0
-
0.15
b
0.25
0.30
0.35
D
4.00 BSC
E
4.00 BSC
e
0.65 BSC
D2
2.30
2.40
2.50
E2
2.30
2.40
2.50
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N16
Notes:
1. Dimensions and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Dimension b applies to metallized terminal and is measured between 0.25mm
and 0.30mm from terminal tip. Dimension L1 represents terminal full back from
package edge up to 0.15mm is acceptable.
4. Coplanarity applies to the exposed heat slug as well as the terminal.
5. Radius on terminal is optional.
6. N is the total number of terminals.
AS3932
YYWWXZZ
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com