Electronic Components Datasheet Search
  English  ▼

X  

AS3932 Datasheet(PDF) 6 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 6 Page - ams AG

Back Button AS3932_07 Datasheet HTML 2Page - ams AG AS3932_07 Datasheet HTML 3Page - ams AG AS3932_07 Datasheet HTML 4Page - ams AG AS3932_07 Datasheet HTML 5Page - ams AG AS3932_07 Datasheet HTML 6Page - ams AG AS3932_07 Datasheet HTML 7Page - ams AG AS3932_07 Datasheet HTML 8Page - ams AG AS3932_07 Datasheet HTML 9Page - ams AG AS3932_07 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
6 - 34
AS3932
Datasheet - Pin Assignm ents
4.2 QFN Package
Figure 5. Pin Assignments 16LD QFN (4x4) Package
4.2.1 Pin Descriptions
Note:
The exposed pad has to be connected to ground.
Table 2. Pin Descriptions 16LD QFN (4x4) Package
Pin Name
Pin
Number
Pin Type
Description
LF3P
1
Analog I/O
Input antenna channel three
LF2P
2
Input antenna channel two
LF1P
3
Input antenna channel one
LFN
4
Common ground for antenna one, two and three
XIN
5
Crystal oscillator input
XOUT
6
Crystal oscillator output
VSS
7
Supply pad
Substrate
WAKE
8
Digital output
Wake-up output IRQ
DAT
9
Data output
NC
10
-
Not connected
CS
11
Digital input
Chip select
SCL
12
SDI interface clock
SDI
13
SDI data input
SDO
14
Digital output / tristate
SDI data output (tristate when CS is low)
VCC
15
Supply pad
Positive supply voltage
GND
16
Supply pad
Negative supply voltage
AS3932
LF2P
LFN
LF3P
CS
DAT
LF1P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com