Electronic Components Datasheet Search
  English  ▼

X  

AS3932 Datasheet(PDF) 16 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 16 Page - ams AG

Back Button AS3932_07 Datasheet HTML 12Page - ams AG AS3932_07 Datasheet HTML 13Page - ams AG AS3932_07 Datasheet HTML 14Page - ams AG AS3932_07 Datasheet HTML 15Page - ams AG AS3932_07 Datasheet HTML 16Page - ams AG AS3932_07 Datasheet HTML 17Page - ams AG AS3932_07 Datasheet HTML 18Page - ams AG AS3932_07 Datasheet HTML 19Page - ams AG AS3932_07 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
16 - 34
AS3932
Datasheet - Detailed Descr i p ti on
8.2.3 Serial Data Interface (SDI)
This 4-wires interface is used by the Microcontroller (µC) to program the AS3932. The maximum clock frequency of the SDI is 2MHz.
Note:
SDO is set to tristate if CS is low. In this way more than one device can communicate on the same SDO bus.
SDI Command Structure. To program the SDI the CS signal has to go high. A SDI command is made up by a two bytes serial command and
the data is sampled on the falling edge of SCLK. The Table 9 shows how the command looks like, from the MSB (B15) to LSB (B0). The
command stream has to be sent to the SDI from the MSB (B15) to the LSB (B0).
The first two bits (B15 and B14) define the operating mode. There are three modes available (write, read, direct command) plus one spare (not
used), as shown in Table 10.
In case a write or read command happens the next 6 bits (B13 to B8) define the register address which has to be written respectively read, as
shown in Table 11.
Table 8. Serial Data Interface (SDI) pins
Name
Signal
Signal Level
Description
CS
Digital Input with pull down
CMOS
Chip Select
SDI
Digital Input with pull down
CMOS
Serial Data input for writing registers, data to
transmit and/or writing addresses to select
readable register
SDO
Digital Output
CMOS
Serial Data output for received data or read
value of selected registers
SCLK
Digital Input with pull down
CMOS
Clock for serial data read and write
Table 9. SDI Command Structure
Mode
Register address / Direct Command
Register Data
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Table 10. SDI Command Structure
B15
B14
Mode
00
WRITE
0
1
READ
10
NOT ALLOWED
1
1
DIRECT COMMAND
Table 11. SDI Command Structure
B13
B12
B11
B10
B9
B8
Read/Write register
00
000
0
R0
00
000
1
R1
00
001
0
R2
00
001
1
R3
00
010
0
R4
00
010
1
R5
00
011
0
R6
00
011
1
R7
00
100
0
R8
00
100
1
R9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com