Electronic Components Datasheet Search
  English  ▼

X  

AS3932 Datasheet(PDF) 20 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 20 Page - ams AG

Back Button AS3932_07 Datasheet HTML 16Page - ams AG AS3932_07 Datasheet HTML 17Page - ams AG AS3932_07 Datasheet HTML 18Page - ams AG AS3932_07 Datasheet HTML 19Page - ams AG AS3932_07 Datasheet HTML 20Page - ams AG AS3932_07 Datasheet HTML 21Page - ams AG AS3932_07 Datasheet HTML 22Page - ams AG AS3932_07 Datasheet HTML 23Page - ams AG AS3932_07 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
20 - 34
AS3932
Datasheet - Detailed Descr i p ti on
8.3 Channel Amplifier and Frequency Detector
Each of the 3 channels consists of a variable gain amplifier, an automatic gain control and a frequency detector. The latter detects the presence
of a carrier. As soon as the carrier is detected the AGC is enabled, the gain of the VGA is reduced and set to the right value and the RSSI can be
displayed.
It is possible to enable/disable individual channels, in case not all three channels are needed. This enables to reduce the current consumption by
1.5 µA (typ.) per channel.
8.3.1 Frequency Detector / AGC
The frequency detection uses the RTC as time base. In case the internal RC oscillator is used as RTC, it must be calibrated, but the calibration
is guaranteed for a 32.768 kHz crystal oscillator only. The frequency detection criteria can be tighter or more relaxed according to the setup
described in R2<1:0> (see Table 14).
The AGC can operate in two modes:

AGC down only (R1<5>=0)

AGC up and down (R1<5>=1)
As soon as the AGC starts to operate, the gain in the VGA is set to maximum. If the AGC down only mode is selected, the AGC can only
decrease the gain. Since the RSSI is directly derived from the VGA gain, the system holds the RSSI peak.
When the AGC up and down mode is selected, the RSSI can follow the input signal strength variation in both directions.
Regardless which AGC operation mode is used, the AGC needs maximum 35 carrier periods to settle.
The RSSI is available for all 3 channels at the same time and it is stored in 3 registers (R10<4:0>, R11<4:0>, R12<4:0>)
Both AGC modes (only down or down and up) can also operate with time limitation. This option allows AGC operation only in time slot of 256µs
following the internal wake-up. Then the AGC (RSSI) is frozen till the wake-up or RSSI reset occurs.
The RSSI is reset either with the direct command 'clear_wakeup' or 'reset_RSSI'. The 'reset_RSSI' command resets only the AGC setting but
does not terminate wake-up condition. This means that if the signal is still present the new AGC setting (RSSI) will appear not later than 300µs
(35 LF carrier periods) after the command was received. The AGC setting is reset if for duration of 3 Manchester half symbols no carrier is
detected. If the wake-up IRQ is cleared the chip will go back to listening mode.
In case the maximum amplification at the beginning is a drawback (e.g. in noisy environment) it is possible to set a smaller starting gain on the
amplifier, according to the Table 15. In this way it is possible to reduce the false frequency detection.
Table 14. Tolerance Settings for Wake-up
R2<1>
R2<0>
Tolerance
00
relaxed
0
1
tighter (medium)
1
0
stringent
1
1
reserved
Table 15. Bit Setting of Gain Reduction
R4<3>
R4<2>
R4<1>
R4<0>
Gain reduction
0
0
0
0
no gain reduction
00
0
1
n.a.
0
0
1
0 or 1
n.a.
0
1
0
0 or 1
-4dB
0
1
1
0 or 1
-8dB
1
0
0
0 or 1
-12dB
1
0
1
0 or 1
-16dB
1
1
0
0 or 1
-20dB
1
1
1
0 or 1
-24dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com