Electronic Components Datasheet Search
  English  ▼

X  

AS3932 Datasheet(PDF) 23 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 23 Page - ams AG

Back Button AS3932_07 Datasheet HTML 19Page - ams AG AS3932_07 Datasheet HTML 20Page - ams AG AS3932_07 Datasheet HTML 21Page - ams AG AS3932_07 Datasheet HTML 22Page - ams AG AS3932_07 Datasheet HTML 23Page - ams AG AS3932_07 Datasheet HTML 24Page - ams AG AS3932_07 Datasheet HTML 25Page - ams AG AS3932_07 Datasheet HTML 26Page - ams AG AS3932_07 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
23 - 34
AS3932
Datasheet - Detailed Descr i p ti on
If the preamble is detected correctly the correlator keeps searching for a data pattern. The duration of the preamble plus the pattern should not
be longer than 40 bits (see bit rate definition in Table 19). The data pattern can be defined by the user and consists of two bytes which are stored
in the registers R5<7:0> and R6<7:0>. The two bytes define the pattern consisting of 16 half bit periods. This means the pattern and the bit
period can be selected by the user. The only limitation is that the pattern (in combination with preamble) must obey Manchester coding and
timing. It must be noted that according to Manchester coding a down-to-up bit transition represents a symbol "0", while a transition up-to-down
represents a symbol "1". If the default code is used (96 [hex]) the binary code is (10 01 01 10 01 10 10 01). MSB has to be transmitted first.
The user can also select (R1<2>) if single or double data pattern is used for wake-up. In case double pattern detection is set, the same pattern
has to be repeated 2 times.
Additionally it is possible to set the number of allowed missing zero bits (not symbols) in the received bitstream (R2<6:5>), as shown in the
Table 20.
If the pattern matches the wake-up, interrupt is displayed on the WAKE output.
If the pattern detection fails, the internal wake-up (on all active channels) is terminated with no signal sent to MCU and the false wake-up register
will be incremented (R13<7:0>).
8.6 Wake-up Protocol - Carrier Frequency 125 kHz
The wake-up state is terminated with the direct command ‘clear_wake’ Table 12. This command terminates the MCU activity. The termination
can also be automatic in case there is no response from MCU. The time out for automatic termination is set in a register R7<7:5>, as shown in
the Table 21.
1
1
1
0
1
30
1092
546
1
1
1
1
0
31
1056
528
1
1
1
1
1
32
1024
512
Table 20. Allowed Pattern Detection Errors
R2<6>
R2<5>
Maximum allowed error in the pattern detection
0
0
No error allowed
0
1
1 missed zero
1
0
2 missed zeros
1
1
3 missed zeros
Table 21. Timeout Setup
R7<7>
R7<6>
R7<5>
Time out
00
0
0 sec
0
0
1
50 msec
0
1
0
100 msec
0
1
1
150 msec
1
0
0
200 msec
1
0
1
250 msec
1
1
0
300 msec
1
1
1
350 msec
Table 19. Bit Rate Setup
R7<4>
R7<3>
R7<2>
R7<1>
R7<0>
Bit duration in RTC
clock periods
Bit rate (bits/s)
Symbol rate (Manchester
symbols/s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com