Electronic Components Datasheet Search
  English  ▼

X  

AS3932 Datasheet(PDF) 12 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 12 Page - ams AG

Back Button AS3932_07 Datasheet HTML 8Page - ams AG AS3932_07 Datasheet HTML 9Page - ams AG AS3932_07 Datasheet HTML 10Page - ams AG AS3932_07 Datasheet HTML 11Page - ams AG AS3932_07 Datasheet HTML 12Page - ams AG AS3932_07 Datasheet HTML 13Page - ams AG AS3932_07 Datasheet HTML 14Page - ams AG AS3932_07 Datasheet HTML 15Page - ams AG AS3932_07 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
12 - 34
AS3932
Datasheet - Detailed Descr i p ti on
AS3932 needs the following external components:

Power supply capacitor - CBAT – 100 nF

32.768 kHz crystal with its two pulling capacitors – XTAL and CL – (it is possible to omit these components if the internal RC oscillator is
used instead of the crystal oscillator).

One, two, or three LC resonators according to the number of used channels.
In case the internal RC-oscillator is used (no crystal oscillator is mounted), the pin XIN has to be connected to the supply, while pin XOUT should
stay floating. Application diagrams with and without crystal are shown in Figure 1 and Figure 2
8.1 Operating Modes
8.1.1 Power Down Mode
In Power Down Mode AS3932 is completely switched off. The typical current consumption is 400 nA.
8.1.2 Listening Mode
In listening mode only the active channel amplifiers and the RTC are running. In this mode the system detects the presence of a carrier. In case
the carrier is detected the RSSI can be displayed.
If the three dimensional detection is not required it is possible to deactivate one or more channels. In case only two channels are required the
deactivated channel must be the number two, while if only one channel detection is needed the active channel must be the number one.
Inside this mode it is possible to distinguish the following three sub modes:
Standard Listening mode. All channels are active at the same time
Scanning mode (Low Power mode 1). All used channels are active, but only one per time slot, where the time slot T is defined as 1ms.
Thus, if all three channels are active the procedure is as follows (see Figure 11): for the first millisecond only channel one is active while channel
two and three are powered down; for the next millisecond only channel three is active while channel one and two are powered down; finally,
channel two is active while the other two are deactivated. This channel rotation goes on until the presence of the carrier is detected by any of the
channels; then immediately all three channels will become active at the same time. Now AS3932 can perform a simultaneous multidirectional
evaluation (on all three channels) of the field and evaluate which channel has the strongest RSSI. The channel with the highest RSSI will be put
through to the demodulator. In this way it is possible to perform multidirectional monitoring of the field with a current consumption of a single
channel, keeping the sensitivity as good as if all channels are active at the same time.
Figure 11. Scanning Mode
time
time
time
Channel 1
Channel 3
Channel 2
time
Presence
of carrier
t0
t0 + T
t 0 + 2 T
t 0 + 3 T
t 0 + 4 T
t0 +5 T
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com