Electronic Components Datasheet Search
  English  ▼

X  

AS3932 Datasheet(PDF) 24 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 24 Page - ams AG

Back Button AS3932_07 Datasheet HTML 20Page - ams AG AS3932_07 Datasheet HTML 21Page - ams AG AS3932_07 Datasheet HTML 22Page - ams AG AS3932_07 Datasheet HTML 23Page - ams AG AS3932_07 Datasheet HTML 24Page - ams AG AS3932_07 Datasheet HTML 25Page - ams AG AS3932_07 Datasheet HTML 26Page - ams AG AS3932_07 Datasheet HTML 27Page - ams AG AS3932_07 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
24 - 34
AS3932
Datasheet - Detailed Descr i p ti on
8.6.1 Without Pattern Detection
Figure 18. Wake-up Protocol Overview without Pattern Detection (only carrier frequency detection)
In case the data correlation is disabled (R1<1>=0) the AS3932 wakes up upon detection of the carrier frequency only as shown in Figure 18. In
order to ensure that AS3932 wakes up the carrier burst has to last longer than 550 µs. To set AS3932 back to listening mode there are two
possibilities: either the microcontroller sends the direct command clear_wake via SDI or the time out option is used (R7<7:5>). In case the latter
is chosen, AS3932 is automatically set to listening mode after the time defined in T_OUT (R7<7:5>), counting starts at the low-to-high WAKE
edge on the WAKE pin.
8.6.2 Single Pattern Detection
The Figure 19 shows the wake-up protocol in case the pattern correlation is enabled (R1<1>=1) for a 125 kHz carrier frequency. The initial
carrier burst has to be longer than 550 µs and can last maximum 16 bits (see bit rate definition in Table 19). If the ON/OFF mode is used
(R1<5>=1), the minimum value of the maximum carrier burst duration is limited to 10 ms. This is summarized in Table 22. In case the carrier
burst is too long the internal wake-up will be set back to low and the false wake-up counter (R13<7:0>) will be incremented by one. The carrier
burst must be followed by a preamble (0101... modulated carrier with a bit duration defined in Table 19) and the wake-up pattern stored in the
registers R5<7:0> and R6<7:0>. The preamble must have at least 4 bits and the preamble duration together with the pattern should not be
longer than 40 bits. If the wake-up pattern is correct, the signal on the WAKE pin goes high one bit after the end of the pattern and the data
transmission can get started. To set the chip back to listening mode the direct command clear_wake, as well as the time out option (R7<7:5>)
can be used.
Carrier Burst
Data
Carrier Burst > 550 us
WAKE
Clear_wake
DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com