Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 3Page - Texas Instruments OPA830 Datasheet HTML 4Page - Texas Instruments OPA830 Datasheet HTML 5Page - Texas Instruments OPA830 Datasheet HTML 6Page - Texas Instruments OPA830 Datasheet HTML 7Page - Texas Instruments OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
ELECTRICAL CHARACTERISTICS: VS = +3V
OPA4830
www.ti.com.................................................................................................................................................... SBOS350A – DECEMBER 2006 – REVISED MAY 2008
Boldface limits are tested at +25
°C.
At TA = +25°C, G = +2, and RL = 150Ω to VS/3, unless otherwise noted.
OPA4830IPW
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
MIN/
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
+70
°C(3)
UNITS
MAX
TEST LEVEL
(1)
AC PERFORMANCE (see Figure 73)
Small-Signal Bandwidth
G = +2, VO ≤ 0.2VPP
100
70
66
MHz
min
B
G = +5, VO ≤ 0.2VPP
21
15
14
MHz
min
B
G = +10, VO ≤ 0.2VPP
10
7.5
6.5
MHz
min
B
Gain-Bandwidth Product
G
≥ +10
100
75
65
MHz
min
B
Slew Rate
1V Step
220
135
105
V/
µs
min
B
Rise Time
0.5V Step
3.4
5.6
5.7
ns
max
B
Fall Time
0.5V Step
3.4
5.6
5.7
ns
max
B
Settling Time to 0.1%
1V Step
46
73
88
ns
max
B
Harmonic Distortion
VO = 1VPP, f = 5MHz
2nd-Harmonic
RL = 150Ω
–60
–56
–54
dBc
max
B
RL ≥ 500Ω
–65
–59
–57
dBc
max
B
3rd-Harmonic
RL = 150Ω
–68
–59
–58
dBc
max
B
RL ≥ 500Ω
–76
–65
–64
dBc
max
B
Input Voltage Noise
f > 1MHz
9.2
10.3
10.8
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
3.5
4.6
5.1
pA/
√Hz
max
B
DC PERFORMANCE
(4)
Open-Loop Voltage Gain
72
66
65
dB
min
A
Input Offset Voltage
±1.5
±7.5
±8.7
mV
max
A
Average Offset Voltage Drift
±27
µV/°C
max
B
Input Bias Current
VCM = 1.0V
+5
+10
+12
µA
max
A
Input Bias Current Drift
±44
nA/
°C
max
B
Input Offset Current
VCM = 1.0V
±0.2
±1.1
±1.3
µA
max
A
Input Offset Current Drift
±5
nA/
°C
max
B
INPUT
Least Positive Input Voltage
(5)
–0.45
–0.4
–0.27
V
max
A
Most Positive Input Voltage
(5)
1.2
1.1
1.0
V
min
A
Common-Mode Rejection Ratio (CMRR)
Input-Referred
80
74
72
dB
min
A
Input Impedance
Differential-Mode
10 || 2.1
k
Ω || pF
typ
C
Common-Mode
400 || 1.2
k
Ω || pF
typ
C
OUTPUT
Least Positive Output Voltage
G = +5, RL = 1kΩ to 1.5V
0.08
0.11
0.125
V
max
A
G = +5, RL = 150Ω to 1.5V
0.17
0.39
0.40
V
max
A
Most Positive Output Voltage
G = +5, RL = 1kΩ to 1.5V
2.91
2.88
2.85
V
min
A
G = +5, RL = 150Ω to 1.5V
2.82
2.74
2.70
V
min
A
Current Output, Sourcing and Sinking
±30
±20
±18
mA
min
A
Short-Circuit Output Current
Output Shorted to Either Supply
±45
mA
typ
C
Closed-Loop Output Impedance
See Figure 73, f < 100kHz
0.06
Ω
typ
C
(1)
Test levels: (A) 100% tested at +25
°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25
°C specifications.
(3)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +5
°C at high temperature limit for over
temperature specifications.
(4)
Current considered positive out of pin.
(5)
Tested < 3dB below minimum specified CMRR at ± CMIR limits.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com