Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 34 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments OPA830 Datasheet HTML 36Page - Texas Instruments OPA830 Datasheet HTML 37Page - Texas Instruments OPA830 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
DISTORTION PERFORMANCE
4kT
R
G
R
G
R
F
R
S
1/4
OPA4830
I
BI
E
O
I
BN
4kT=1.6E
20J
-
at290 K
°
E
RS
E
NI
4kTR
S
4kTR
F
NOISE PERFORMANCE
E =
O
(E
+(I
R ) +4kTR )NG +(I R ) +4kTR NG
NI
BN
S
BI
F
S
F
2
2
2
2
E =
N
E
+(I
R ) +4kTR +
NI
BN
S
S
2
2
I R
BI
F
NG
2
+
4kTR
F
NG
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
The OPA4830 provides good distortion performance
into a 150
Ω load. Relative to alternative solutions, it
provides exceptional performance into lighter loads
and/or operating on a single +3V supply. Generally,
until the fundamental signal reaches very high
frequency
or
power
levels,
the
2nd-harmonic
dominates
the
distortion
with
a
negligible
3rd-harmonic component. Focusing then on the
2nd-harmonic,
increasing
the
load
impedance
improves distortion directly. Remember that the total
load
includes
the
feedback
network;
in
the
noninverting configuration (see Figure 74) this is sum
of RF + RG, while in the inverting configuration, only
RF needs to be included in parallel with the actual
Figure 89. Noise Analysis Model
load.
Running
differential
suppresses
the
2nd-harmonic, as shown in the Differential Typical
The total output spot noise voltage can be computed
Characteristics.
as the square root of the sum of all squared output
noise voltage contributors. Equation 8 shows the
general form for the output noise voltage using the
High slew rate, unity-gain stable, voltage-feedback op
terms shown in Figure 89:
amps usually achieve their slew rate at the expense
of a higher input noise voltage. The 9.2nV/
√Hz input
voltage noise for the OPA4830 however, is much
(8)
lower than comparable amplifiers. The input-referred
voltage noise and the two input-referred current noise
terms (2.8pA/
√Hz) combine to give low output noise
Dividing this expression by the noise gain [ NG = (1 +
under
a
wide
variety
of
operating
conditions.
RF/RG) ] gives the equivalent input-referred spot noise
Figure 89 shows the op amp noise analysis model
voltage at the noninverting input; this result is shown
with all the noise terms included. In this model, all
in Equation 9:
noise terms are taken to be noise voltage or current
density terms in either nV/
√Hz or pA/√Hz.
(9)
Evaluating these two equations for the circuit and
component values shown in Figure 72 gives a total
output spot noise voltage of 19.3nV/
√Hz and a total
equivalent input spot noise voltage of 9.65nV/
√Hz.
This value is including the noise added by the
resistors. This total input-referred spot noise voltage
is not much higher than the 9.2nV/
√Hz specification
for the op amp voltage noise alone.
34
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com