Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
100
10
1
0.1
0.01
Frequency(Hz)
1k
10k
100k
1M
10M
100M
100
10
1
Frequency(Hz)
10
100
1k
10k
100k
1M
10M
VoltageNoise
(9.2nV/
)
ÖHz
CurrentNoise
(3.5pA/
)
ÖHz
130
120
110
100
90
80
70
60
50
40
30
20
10
CapacitiveLoad(pF)
1
10
100
1k
0.1dBPeakingTargeted
8
7
6
5
4
3
2
1
0
-1
-2
-3
Frequency(MHz)
1
10
100
300
C =1000pF
L
C =100pF
L
C =10pF
L
750W
R
S
1/4
OPA4830
V
I
V
O
50W
1kW
(1)
C
L
750W
NOTE:(1)1k
isoptional.
W
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
AmbientTemperature(10 C/div)
°
-50
0
50
110
MostPositiveOutputVoltage
MostPositiveInputVoltage
LeastPositiveOutputVoltage
LeastPositiveInputVoltage
R =150W
L
80
70
60
50
40
30
20
10
0
-10
-20
Frequency(Hz)
100
1k
10k
100k
1M
10M
100M
1G
20log(A
)
OL
Ð (A )
OL
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
OPA4830
www.ti.com.................................................................................................................................................... SBOS350A – DECEMBER 2006 – REVISED MAY 2008
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω to VS/2, and input VCM = 2.5V, unless otherwise noted (see Figure 72).
INPUT VOLTAGE AND CURRENT NOISE DENSITY
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Figure 36.
Figure 37.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 38.
Figure 39.
OPEN-LOOP GAIN AND PHASE
VOLTAGE RANGES vs TEMPERATURE
Figure 40.
Figure 41.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com