Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 22Page - Texas Instruments OPA830 Datasheet HTML 23Page - Texas Instruments OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments OPA830 Datasheet HTML 26Page - Texas Instruments OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
DIFFERENTIAL INTERFACE APPLICATIONS
V
O
V
I
=A =1+2 ´
D
R
F
R
G
(6)
R
F
750W
R
F
750W
R
G
R
G
1/4
OPA4830
+V
CC
-VCC
V
CM
V
CM
V
O
1/4
OPA4830
V
I
R
F
750W
R
F
750W
1/4
OPA4830
+V
CC
-VCC
R
G
V
O
1/4
OPA4830
V
I
V
O
V
I
= -
R
F
R
G
(7)
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
Various combinations of single-supply or ac-coupled
gains can also be delivered using the basic circuit of
Dual and quad op amps are particularly suitable to
Figure 80. Common-mode bias voltages on the two
differential input to differential output applications.
noninverting inputs pass on to the output with a gain
Typically, these op amps fall into either ADC input
of 1V/V because an equal dc voltage at each
interface or line driver applications. Two basic
inverting node creates no current through RG, giving
approaches to differential I/O are noninverting or
that voltage a common-mode gain of 1 to the output.
inverting
configurations.
Because
the
output
is
differential,
the
signal
polarity
is
somewhat
Figure 81 shows a differential I/O stage configured as
meaningless—the
noninverting
and
inverting
an inverting amplifier. In this case, the gain resistors
terminology applies here to where the input is brought
(RG) become the input resistance for the source. This
into the OPA4830. Each has its advantages and
configuration provides a better noise performance
disadvantages. Figure 80 shows a basic starting point
than the noninverting configuration, but does limit the
for noninverting differential I/O applications.
flexibility in setting the input impedance separately
from the gain.
This approach provides for a source termination
impedance that is independent of the signal gain. For
instance, simple differential filters may be included in
the signal path right up to the noninverting inputs
without interacting with the amplifier gain. The
differential signal gain for the circuit of Figure 80 is
shown in Equation 6:
Figure 80 shows the recommended value of 750
Ω.
However, the gain may be adjusted using just the RG
resistor.
Figure 81. Inverting Differential I/O Amplifier
The
two
noninverting
inputs
provide
an
easy
common-mode
control
input.
This
control
is
particularly useful if the source is ac-coupled through
either blocking caps or a transformer. In either case,
the
common-mode
input
voltages
on
the
two
noninverting inputs again have a gain of 1 to the
output pins, giving an easy common-mode control for
single-supply operation. The input resistors may be
adjusted to the desired gain but also change the input
impedance as well. The differential gain for this circuit
is shown in Equation 7:
Figure 80. Noninverting Differential I/O Amplifier
26
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com