Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments OPA830 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
TYPICAL CHARACTERISTICS: VS = +3V
6
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
1
10
100
400
R =150W
L
V =0.2V
O
PP
G=+1V/V
R =0W
F
G=+2V/V
G=+5V/V
G=+10V/V
6
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
1
10
100
300
G= 10
-
G= 5
-
G= 2
-
G= 1
-
R =150W
L
V =0.2V
O
PP
9
6
3
0
-3
-6
-9
-12
Frequency(MHz)
10
100
300
G=+2V/V
R =150W
L
V =1.5V
O
PP
V =1V
O
PP
V =0.5V
O
PP
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
10
100
300
G= 1V/V
-
R =150W
L
V =1V
O
PP
V =0.5V
O
PP
V =1.5V
O
PP
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
Time(10ns/div)
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
Large-Signal0.5Vto1.5V
RightScale
Small-Signal
0.95Vto1.05V
LeftScale
G=+2V/V
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
Time(10ns/div)
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
Large-Signal0.5Vto1.5V
RightScale
Small-Signal0.95Vto1.05V
LeftScale
G= 1V/V
-
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
At TA = +25°C, G = +2V/V, and RL = 150Ω to VS/3, unless otherwise noted (see Figure 73).
NONINVERTING SMALL-SIGNAL FREQUENCY RESPONSE
INVERTING SMALL-SIGNAL FREQUENCY RESPONSE
Figure 53.
Figure 54.
NONINVERTING LARGE-SIGNAL FREQUENCY RESPONSE
INVERTING LARGE-SIGNAL FREQUENCY RESPONSE
Figure 55.
Figure 56.
NONINVERTING PULSE RESPONSE
INVERTING PULSE RESPONSE
Figure 57.
Figure 58.
18
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com