Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
TYPICAL CHARACTERISTICS: VS = +5V, Differential Configuration
R
L
604W
604W
R
G
V
O
V
I
G =
D
604W
R
G
+5V
1.2kW
1.2kW
0.1 F
m
1/4
OPA4830
1/4
OPA4830
R
G
2.5V
2.5V
3
0
-3
-6
-9
-12
-15
Frequency(MHz)
1
10
100
200
G =1
D
G =2
D
G =5
D
G =10
D
V =200mV
O
PP
R =500
L
W
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
Resistance( )
W
100
150
200
250
300
350
400
450
500
3rd-Harmonic
2nd-Harmonic
G =2
D
V
O
PP
=4V
f=5MHz
9
6
3
0
-3
-6
-9
Frequency(MHz)
1
10
100
200
V
O =3VPP
V
O
PP
=2V
V
O
PP
=1V
V
O =0.2VPP
G =2
D
R
L =500W
-30
-40
-50
-60
-70
-80
-90
-100
-110
Frequency(MHz)
1
10
100
3rd-Harmonic
2nd-Harmonic
G =2
D
V
O
PP
=4V
R
W
L =500
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
OutputVoltageSwing(V
)
PP
1
10
3rd-Harmonic
2nd-Harmonic
G =2
D
R =500W
L
f=5MHz
OPA4830
www.ti.com.................................................................................................................................................... SBOS350A – DECEMBER 2006 – REVISED MAY 2008
At TA = +25°C, RF = 604Ω, and RL = 500Ω differential (as shown in Figure 47), unless otherwise noted.
DIFFERENTIAL SMALL-SIGNAL FREQUENCY RESPONSE
Figure 47.
Figure 48.
DIFFERENTIAL LARGE-SIGNAL FREQUENCY RESPONSE
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Figure 49.
Figure 50.
DIFFERENTIAL DISTORTION vs FREQUENCY
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Figure 51.
Figure 52.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com