Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments OPA830 Datasheet HTML 36Page - Texas Instruments OPA830 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
DRIVING CAPACITIVE LOADS
OUTPUT CURRENT AND VOLTAGES
OPA4830
www.ti.com.................................................................................................................................................... SBOS350A – DECEMBER 2006 – REVISED MAY 2008
The second major consideration, touched on in the
To maintain maximum output stage linearity, no
previous
paragraph,
is
that
the
signal
source
output
short-circuit
protection
is
provided.
This
impedance becomes part of the noise gain equation
absence of protection is not normally a problem,
and thus influences the bandwidth. For the example
because most applications include a series matching
in Figure 88, the RM value combines in parallel with
resistor at the output that limits the internal power
the
external
50
Ω
source
impedance
(at
high
dissipation if the output side of this resistor is shorted
frequencies), yielding an effective driving impedance
to ground. However, shorting the output pin directly to
of 50
Ω || 57.6Ω = 26.8Ω. This impedance is added in
the
adjacent
positive
power-supply
pin
(8-pin
series with RG for calculating the noise gain. The
packages), in most cases, destroys the amplifier. If
resulting noise gain is 2.87 for Figure 88, as opposed
additional short-circuit protection is required, consider
to only 2 if RM could be eliminated as discussed
a small series resistor in the power-supply leads. This
above. The bandwidth is therefore lower for the gain
resistor reduces the available output voltage swing
of –2 circuit of Figure 88 (NG = +2.87) than for the
under heavy output loads.
gain of +2 circuit of Figure 72.
The third important consideration in inverting amplifier
design
is
setting
the
bias
current
cancellation
One of the most demanding and yet very common
resistors
on
the
noninverting
input
(a
parallel
load conditions for an op amp is capacitive loading.
combination of RT = 750Ω). If this resistor is set equal
Often, the capacitive load is the input of an
to the total dc resistance looking out of the inverting
ADC—including additional external capacitance that
node, the output dc error (as a result of the input bias
may be recommended to improve ADC linearity. A
currents) is reduced to (input offset current) times RF.
high-speed, high open-loop gain amplifier such as the
With the dc blocking capacitor in series with RG, the
OPA4830 can be very susceptible to decreased
dc source impedance looking out of the inverting
stability and closed-loop response peaking when a
mode is simply RF = 750Ω for Figure 88. To reduce
capacitive load is placed directly on the output pin.
the additional high-frequency noise introduced by this
When the primary considerations are frequency
resistor
and
power-supply
feed-through,
RT is
response flatness, pulse response fidelity, and/or
bypassed with a capacitor.
distortion, the simplest and most effective solution is
to isolate the capacitive load from the feedback loop
by inserting a series isolation resistor between the
amplifier output and the capacitive load.
The OPA4830 provides outstanding output voltage
capability.
For
the
+5V
supply,
under
no-load
The Typical Characteristics show the recommended
conditions at +25
°C, the output voltage typically
RS versus capacitive load and the resulting frequency
swings closer than 90mV to either supply rail.
response at the load. Parasitic capacitive loads
greater
than
2pF
can
begin
to
degrade
the
The minimum specified output voltage and current
performance of the OPA4830. Long PCB traces,
specifications over temperature are set by worst-case
unmatched cables, and connections to multiple
simulations at the cold temperature extreme. Only at
devices
can
easily
exceed
this
value.
Always
cold startup does the output current and voltage
consider
this
effect
carefully,
and
add
the
decrease to the numbers shown in the specification
recommended series resistor as close as possible to
tables. As the output transistors deliver power, the
the output pin (see the Board Layout Guidelines
junction temperatures increase, decreasing the VBEs
section).
(increasing the available output voltage swing), and
increasing the current gains (increasing the available
The criterion for setting this RS resistor is a maximum
output
current).
In
steady-state
operation,
the
bandwidth, flat frequency response at the load. For a
available output voltage and current is always greater
gain of +2, the frequency response at the output pin
than
that
shown
in
the
over-temperature
is already slightly peaked without the capacitive load,
specifications, because the output stage junction
requiring relatively high values of RS to flatten the
temperatures are higher than the minimum specified
response at the load. Increasing the noise gain also
operating ambient temperature.
reduces the peaking (see Figure 78).
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com