Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments OPA830 Datasheet HTML 22Page - Texas Instruments OPA830 Datasheet HTML 23Page - Texas Instruments OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments OPA830 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
APPLICATION INFORMATION
WIDEBAND VOLTAGE-FEEDBACK
1/4
OPA4830
V =+3V
S
V
OUT
53.6W
V
IN
2.26kW
1.13kW
R
L
150W
+V
S
3
6.8 F
m
+
0.1 F
m
0.1 F
m
R
F
750W
R
G
750W
+1V
+V /3
S
1/4
OPA4830
V =+5V
S
V
OUT
53.6W
V
IN
1.50kW
+V /2
S
1.50kW
R
L
150W
+V
S
2
6.8 F
m
+
0.1 F
m
0.1 F
m
R
F
750W
R
G
750W
2.5V
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
Figure 73 shows the ac-coupled, gain of +2V/V
configuration
used
for
the
+3V
Electrical
OPERATION
Characteristics and Typical Characteristics. For test
The OPA4830 is a unity-gain stable, very high-speed
purposes, the input impedance is set to 50
Ω with a
voltage-feedback op amp designed for single-supply
resistor to ground. Voltage swings reported in the
operation (+3V to +10V). The input stage supports
Electrical Characteristics are taken directly at the
input voltages below ground and to within 1.7V of the
input and output pins. For the circuit of Figure 73, the
positive supply. The complementary common-emitter
total effective load on the output at high frequencies
output stage provides an output swing to within 25mV
is 150
Ω || 1500Ω. The 1.13kΩ and 2.26kΩ resistors
of ground and the positive supply. The OPA4830 is
at the noninverting input provide the common-mode
compensated to provide stable operation with a wide
bias voltage. The parallel combination equals the dc
range of resistive loads.
resistance at the inverting input (RF), reducing the dc
output offset as a result of input bias current.
Figure 72 shows the ac-coupled, gain of +2V/V
configuration
used
for
the
+5V
Electrical
Characteristics and Typical Characteristics. For test
purposes, the input impedance is set to 50
Ω with a
resistor to ground. Voltage swings reported in the
Electrical Characteristics are taken directly at the
input and output pins. For the circuit of Figure 72, the
total effective load on the output at high frequencies
is 150
Ω || 1500Ω. The 1.5kΩ resistors at the
noninverting input provide the common-mode bias
voltage. This parallel combination equals the dc
resistance at the inverting input (RF), reducing the dc
output offset because of input bias current.
Figure 73. AC-Coupled, G = +2V/V, +3V
Single-Supply Specification and Test Circuit
Figure 72. AC-Coupled, G = +2V/V, +5V
Single-Supply Specification and Test Circuit
22
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com