Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments OPA830 Datasheet HTML 26Page - Texas Instruments OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
1/4
OPA4830
+5V
-5V
1/4
OPA4830
294W
77W
100pF
294W
77W
100pF
250W
250W
V
O
V
I
1/4
OPA4830
1/4
OPA4830
121W
161W
100pF
500W
100pF
G =2,
=2
w
p 10MHz,Q=0.54
D
O
G =2,
=2
w
p 10MHz,Q=1.31
D
O
121W
161W
100pF
250W
250W
V
=4V/V
/V
O
I
f
=10MHz
-3dB
P =225mW
D
500W
100pF
100pF
100pF
LOW-POWER, DIFFERENTIAL I/O,
Frequency(MHz)
1
10
100
15
12
9
6
3
0
-3
-6
-9
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
Figure 83. Low-Power, Differential I/O, 4th-Order Butterworth Active Filter
4th-ORDER ACTIVE FILTER
The OPA4830 can give a very capable gain block for
active filters. The quad design lends itself very well to
differential active filters. Where the filter topology is
looking for a simple gain function to implement the
filter, the noninverting configuration is preferred to
isolate the filter elements from the gain elements in
the design. See Figure 83 for an example of a
10MHz, 4th-order Butterworth, low-pass Sallen-Key
filter. The design places the higher Q stage first to
allow the lower Q 2nd stage to roll off the peaked
noise of the first stage. The resistor values have been
adjusted slightly to account for the amplifier group
delay.
Figure 84. Differential 4th-Order, 10MHz
While this circuit is bipolar, using ±5V supplies, it can
Butterworth Filter
easily be adapted to single-supply operation. This
configuration adds two real zeroes in the response,
transforming
this
circuit
into
a
bandpass.
The
frequency response for the filter of Figure 83 is
illustrated in Figure 84.
28
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com