Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 26Page - Texas Instruments OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
1/4
OPA4830
V
OUT
750W
625W
Video
Input
75W
75W
75
TransmissionLine
W
V
OUT
75W
75W
V
OUT
75W
75W
75W
Highoutputcurrentdrivecapabilityallowsthree
back-terminated75
transmissionlinestobesimultaneouslydriven.
W
4-CHANNEL DAC TRANSIMPEDANCE
1/4
OPA4830
High-Speed
DAC
V =I R
O
D
F
R
F
C
F
GBP
GainBandwidth
®
Product(Hz)fortheOPA4830.
C
D
I
D
I
D
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
Figure 86. Video Distribution Amplifier
AMPLIFIER
High-frequency Digital-to-Analog Converters (DACs)
require a low-distortion output amplifier to retain the
SFDR performance into real-world loads. Figure 87
illustrates
a
single-ended
output
drive
implementation. In this circuit, only one side of the
complementary output drive signal is used. The
diagram shows the signal output current connected
into the virtual ground-summing junction of the
OPA4830, which is set up as a transimpedance stage
or I-V converter. The unused current output of the
DAC is connected to ground. If the DAC requires its
outputs to be terminated to a compliance voltage
other than ground for operation, then the appropriate
voltage level may be applied to the noninverting input
of the OPA4830.
Figure 87. Wideband, Low-Distortion DAC
Transimpedance Amplifier
30
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com