Electronic Components Datasheet Search
  English  ▼

X  

CS5127 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS5127
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

Back Button CS5127 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 11Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
The feedback (VFB) leads are connected to external resistor
dividers to set the output voltage. The on-chip error ampli-
fier is referenced to 1.275V, and the resistor divider values
are determined by selecting the desired output voltage
and the value of the divider resistor connected between
the VFB lead and ground.
Resistor R1 is chosen first based on a design trade-off of
system efficiency vs. output voltage accuracy. Low values
of divider resistance consume more current which decreas-
es system efficiency. However, the VFB lead has a 1µA
maximum bias current which can introduce errors in the
output voltage if large resistance values are used. The
approximate value of current sinking through the resistor
divider is given by
IV(FB) =
The output voltage error that can be expected due to the
bias current is given by
Error Percentage =
´ 100%
where R1 is given in ohms. For example, setting R1 = 5K
yields an output voltage error of 0.39% while setting the
feedback divider current at 255µA. Larger currents will
result in reduced error.
Figure 3: Feedback resistor divider.
R2 can be sized according to the following formula once
the desired output voltage and the value of R1 have been
determined:
R2 = R1
-1
There are many factors to consider when choosing the
inductor. Maximum load current, core losses, winding
losses, output voltage ripple, short circuit current, satura-
tion, component height, EMI/EMC and cost are all
variables the designer must consider. Inductance values
between 1µH and 50µH are suitable for use with the CS5127.
Low values within this range minimize the component size
and improve transient response, but larger values reduce
ripple current. Choosing the inductor value requires the
designer to make some choices early in the design. Output
current, output voltage and the input voltage range should
be known in order to make a good choice.
The input voltage range is bracketed by the maximum and
minimum expected values of VIN. Most computer applica-
tions use a fairly well-regulated supply with a typical
output voltage tolerance on the order of ±5%. The values
of VIN(MAX) and VIN(MIN) are used to calculate peak current
and minimum inductance value, respectively. However, if
the supply is well-regulated, these calculations may both
be made using the typical input voltage value with very
little error.
Current in the inductor while operating in the continuous
current mode (CCM) is defined as the load current plus
the inductor ripple current:
IL = IOUT + IRIPPLE
The ripple current waveform is triangular, and the current
is a function of the voltage across the inductor, the switch
on-time and the inductor value. Switch on-time is the duty
cycle divided by the operating frequency, and duty cycle
can be defined as the ratio of VOUT to VIN, such that
IRIPPLE =
The peak current can be described as the load current plus
half of the ripple current. Peak current must be less than
the maximum rated switch current. This limits the maxi-
mum load current that can be provided. It is also
important that the inductor can deliver the peak current
without saturating.
IOUT(MAX) = ISWITCH(MAX) -
Since the peak inductor current must be less than or equal
to the peak switch current, the minimum value of induc-
tance can be calculated:
LMIN =
The theoretical limit on load current transient response is a
function of the inductor value, the load transient and the
voltage across the inductor. In conventionally-controlled
regulators, the actual limit is the time required by the con-
trol loop. Conventional current-mode and voltage-mode
control loops adjust the switch duty cycle over many oscil-
lator periods, often requiring tens or even hundreds of
Load Current Transient Response
(VIN(MIN) - VOUT)VOUT
f
´ VIN(MIN) ´ ISWITCH(MAX)
(VIN(MAX) - VOUT)VOUT
2f
´ L ´ VIN(MAX)
(VIN - VOUT)VOUT
f
´ L ´ VIN
Selecting the Inductor
)
VOUT
1.275
(
COMP
VFB
GATE
R2
Output
Driver
-
+
1.275V
VOUT
R1
(1E - 6)
´ R1
1.275
1.275V
R1
Selection of Feedback Lead Divider Resistor Values
7
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com