Electronic Components Datasheet Search
  English  ▼

X  

CS5127 Datasheet(PDF) 11 Page - Cherry Semiconductor Corporation

Part # CS5127
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127 Datasheet(HTML) 11 Page - Cherry Semiconductor Corporation

Back Button CS5127 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 15Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Applications Information: continued
where TSOFT START is given in seconds if CCOMP is given in
farads, ICOMP(SOURCE) in amperes, and VFFB in volts. Note
that a design trade off will be made in choosing the value
of the COMP lead capacitor. Larger values of capacitance
will result in better regulation and improved noise immu-
nity, but the soft start interval will be longer and capacitor
price may increase.
Figure 5: Measured performance of the CS5127 at start up.
CCOMP =100µF, ICOMP(SOURCE)=1.3mA, VFFB = 2.8V, TSOFTSTART = 0.22s.
During normal operation, the gate driver switching duty
cycle will remain approximately constant as the V2ª con-
trol loop maintains the regulated output voltage under
steady state conditions. Changes in supply line or output
load conditions will result in changes in duty cycle to
maintain regulation.
Voltage Mode Operation
There are two methods by which a user can operate the
CS5127 in voltage mode. The first method is simple, but
the transient response is typically very poor. This method
uses the same components as V2ª operation, but by
increasing the amplitude of the artificial ramp signal, V2ª
control is defeated and the controller operates in voltage
mode. Calculate RR using the formula above and divide
the value obtained by 10. This should provide an ade-
quately large artificial ramp signal and cause operation
under voltage mode control. There may be some depen-
dence on board layout, and further optimization of the
value for RR may be done empirically if required.
Voltage mode control may be refined by removing the
COMP pin capacitor and adding a two pole, one zero com-
pensation network. Consider the system block diagram
shown in figure 6.
Figure 6: Voltage mode control equivalent circuit with two pole, one
zero compensation network.
VIN is the switch supply voltage, R represents the load, RL
is the combined resistance of the FET RDS (on) and the
inductor DC resistance, L is the inductor value, C is the
output capacitance, RC is the output capacitor ESR, RA
and RB are the feedback resistors and VR is the peak to
peak amplitude of the artificial ramp signal at the VFFB
pin. C1, C2, R1 and R2 are the components of the compen-
sation network. Based on the application circuit from page
1, values for the 2.8V output equivalent circuit are:
VIN = 5V
R =
0.4½
RL =
0.02½
C =
1320µF
RC =
0.025½
RA =
1540½
RB =
1270½
L =
5µH
A resistor change is necessary to increase the artificial
ramp magnitude to VFFB1. Changing R10 from 20k to 2k
will give a peak to peak amplitude of about 2V. Thus, VR =
2V.
The transfer function from VCONTROL to VOUT is
=
´
Using the component values provided, this reduces to
1
VR
R
´ VIN ´ (sCRC + 1)
s2LC (R + RC) + s[L + RLC(R + RC) + RCRC] + R + RC
VOUT
VCONTROL
VIN
L
RL
C
RC
R
RA
RB
R1
R2
C1
C2
PWM
EA
1.275V
VCONTROL
VR
VOUT
VFB
VFFB
COMP
CONTROL
LOGIC
Voltage Mode Control
Normal Operation
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com