Electronic Components Datasheet Search
  English  ▼

X  

CS5127 Datasheet(PDF) 19 Page - Cherry Semiconductor Corporation

Part # CS5127
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127 Datasheet(HTML) 19 Page - Cherry Semiconductor Corporation

Back Button CS5127 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 19Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 20Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 21Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 22Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 23Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
95
90
80
75
70
20
22
26
28
30
34
RT (k
W)
36
40
85
24
32
38
150pF
390pF
680pF
1.5nF
3.3nF
Figure 27: Oscillator Duty Cycle vs CT, RT (VIN = 12V, T = 25C).
91.5
91.0
89.5
89.0
88.5
010
30
40
50
70
Temperature (C)
90.5
20
60
90.0
1.65
1.55
1.40
1.30
1.25
010
30
40
50
70
Temperature (C)
20
60
1.60
1.50
1.45
1.35
1.20
Figure 25: Oscillator Maximum Duty Cycle vs Temperature.
Figure 28: SYNC Threshold vs Temperature.
Typical Performance Characteristics: continued
19
210
208
206
204
202
200
0
10
20
30
40
50
Temperature (C)
60
70
Figure 26: Oscillator Frequency vs Temperature. CT = 330pF, RT =27k
1.2785
1.2775
1.2765
1.2760
010
30
40
50
70
Temperature (C)
20
60
1.2780
1.2770
1.2755
Figure 30: VFB Reference Voltage vs Temperature.
170
160
145
140
010
30
40
50
70
Temperature (C)
20
60
165
155
150
Figure 29: SYNC Input Current vs Temperature (VSYNC = 2.4V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com