Electronic Components Datasheet Search
  English  ▼

X  

CS5127 Datasheet(PDF) 22 Page - Cherry Semiconductor Corporation

Part # CS5127
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127 Datasheet(HTML) 22 Page - Cherry Semiconductor Corporation

Back Button CS5127 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 19Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 20Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 21Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 22Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 23Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 24Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
400
320
0
Temperature (C)
10
50
70
20
30
60
40
340
360
300
380
Figure 48: Start-up Current vs Temperature.
8.615
8.607
0
Temperature (C)
10
50
70
20
30
60
40
8.609
8.611
8.613
8.605
Figure 47: VIN Start-up Threshold vs Temperature.
47
44
42
41
010
30
40
50
70
Temperature (C)
20
60
48
46
45
43
40
39
Figure 44: GATE low voltage (20mA) vs Temperature.
1.55
1.40
1.30
1.25
010
30
40
50
70
Temperature (C)
20
60
1.60
1.50
1.45
1.35
1.20
Figure 45: GATE High Voltage (20mA) vs Temperature.
1.65
1.50
0
Temperature (C)
1.40
10
50
70
20
30
60
40
1.55
1.60
1.70
1.45
17.0
15.5
0
Temperature (C)
18.0
15.0
10
50
70
20
30
60
40
16.0
16.5
17.5
Figure 43: GATE High Voltage (100mA) vs Temperature.
Figure 46: GATE Low Voltage (Lockout) vs Temperature.
22
Typical Performance Characteristics: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com