Electronic Components Datasheet Search
  English  ▼

X  

CS5127 Datasheet(PDF) 9 Page - Cherry Semiconductor Corporation

Part # CS5127
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127 Datasheet(HTML) 9 Page - Cherry Semiconductor Corporation

Back Button CS5127 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 13Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Applications Information: continued
9
The DC voltage for the VFFB pin is usually provided from
the output voltage through an RC filter if VOUT is less than
3V. If VOUT is greater than 2.9V, a resistor divider from
VOUT is recommended for proper circuit bias due to the
common mode input range limitations of the PWM com-
parator. In most cases, the FB pin resistor divider can be
used for this purpose with very little error, but a separate
divider is recommended if high accuracy is required. The
filter network is typically composed of a 1K resistor (RFFB)
and a 330 pF capacitor (CFFB). This filter gives a 330 ns
time constant which is sufficient to remove switching
noise from the DC voltage. Note that in cases where a
resistor divider provides the ramp signal, the resistor
between VOUT and the VFFB pin serves as RFFB. An artificial
ramp signal is generated using an NPN transistor (Q1), a
small coupling capacitor (CC) and a second resistor (RR).
The NPN transistor collector is connected either to the
external 5V supply or to the ICÕs 5V on-chip reference. The
transistorÕs base is connected to the CT pin, and the ramp
on the CT pin is used to provide the artificial ramp. The
transistorÕs emitter is connected to the coupling capacitor.
The capacitor value should provide a low impedance at
the switching frequency. A 0.1 µF capacitor represents 6.4
ohms at 250 kHz. A resistor is placed in series between this
capacitor and the VFFB pin to set the amplitude of the ramp
signal.
Figure 4: Artificial ramp components CC, CFFB, RR and RFFB must be
provided for each channel if duty cycle for that channel exceeds 50%. Q1
and RE are common to both channels. DC voltage is shown supplied to
VFFB through the VFB resistor divider.
The amount of artificial ramp is dependent on oscillator
frequency, output voltage, output capacitor equivalent
series resistance (ESR), and inductor value. It also assumes
very small voltage fluctuations on the COMP pin. If the
added ramp is too small, it will not be sufficient to prevent
subharmonic oscillation. If the ramp is too large, V2ª con-
trol will be defeated, and loop regulation will enter voltage
mode control. DC regulation will be adequate, but tran-
sient response will be degraded. However, this may be
desirable in cases where very low values of output ripple
voltage are desired.
The artificial ramp amplitude can be calculated as follows:
VRAMP =
if DC voltage is provided from the output, or
VRAMP =
if DC voltage is provided from a resistor divider as in
figure 5.
where RESR is the equivalent series resistance in ohms of
the total output capacitance, VOUT is the output voltage in
volts and LOUT is the inductor value in Henries. The result
is VRAMP given in millivolts per oscillator period. This
value is the optimum amplitude for the artificial ramp.
Note that COMP pin voltage changes and output ripple
voltage must be added to the ramp amplitude for proper
operation.
Once the total ramp signal has been determined, the value
of the ramp resistor (RR) can be determined. The ramp
resistor and filter resistor RFFB create a resistor divider
between the output voltage and the artificial ramp voltage.
We can assume the output does not change, and that the
maximum input voltage to the divider is equal to the DC
output voltage plus the CT pin voltage swing of 2.1V. The
ramp amplitude on the filter capacitor is then the divider
output voltage:
VRAMP =
Rearranging, we have
RR = RFFB
( -1)
The schottky ÒcatchÓ diode must be capable of handling
the peak inductor current and must withstand a reverse
voltage at least equal to the value of VIN. Since the catch
diode only conducts during switch off-time, the average
current through the catch diode is defined as:
ICATCH = IOUT
Minimizing the diode on-voltage will improve efficiency.
The on-chip oscillator frequency is set by two external
components. RT sets the oscillator charge current. It is con-
nected to a voltage reference approximately equal to 2.5V.
The current generated in this fashion charges the CT capac-
itor between threshold levels of 1.5V and 3.6V. CT
capacitor discharge is done by a saturating NPN, and the
Selecting Oscillator Components RT and CT
)
VIN - VOUT
VIN
(
Selecting the Catch Diode
2.1V
VRAMP
(2.1V) (RFFB)
(RR + RFFB)
(RESR) (VOUT)(R1)
2000 (LOUT) (R1 + R2)
(RESR) (VOUT)
2000 (LOUT)
CT
R2
VOUT
R1
5V
Q1
VFFB
+
RFFB
CFFB
RR
GATE
CC
VFB
CT
RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com