Electronic Components Datasheet Search
  English  ▼

X  

CS5127 Datasheet(PDF) 14 Page - Cherry Semiconductor Corporation

Part # CS5127
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127 Datasheet(HTML) 14 Page - Cherry Semiconductor Corporation

Back Button CS5127 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 18Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Applications Information: continued
IC. This heat is transferred to the surface of the IC package,
but a thermal gradient exists due to the thermal properties
of the package molding compound. The magnitude of this
thermal gradient is denoted in manufacturerÕs data sheets
as
QJA , or junction-to-air thermal resistance. The on-chip
junction temperature can be calculated if
QJA , the air tem-
perature at the ICÕs surface and the on-chip power
dissipation are known:
TJ = TA + (QJA ´ P)
TJ and TA are given in degrees centigrade, P is IC power
dissipation in watts and
QJA is thermal resistance in
degrees centigrade per watt. Junction temperature should
be calculated for all semiconductor devices to ensure they
are operated below the manufacturerÕs maximum junction
temperature specification. If any componentÕs temperature
exceeds the manufacturerÕs maximum specification, some
form of heatsink will be required.
Heatsinking will improve the thermal performance of any
IC. Adding a heatsink will reduce the magnitude of
QJA by
providing a larger surface area for heat transfer to the sur-
rounding air. Typical heat sinking techniques include the
use of commercial heatsinks for devices in TO-220 pack-
ages, or printed circuit board techniques such as thermal
bias and large copper foil areas for surface mount pack-
ages.
When choosing a heatsink, it is important to break
QJA
into several different components.
QJA = QJC + QCS + QSA
where all components of
QJA are given in ¡C/W.
QJC is the thermal impedance from the junction to the sur-
face of the package case. This parameter is also included in
manufacturerÕs data sheets. Its value is dependent on the
mold compound and lead frames used in assembly of the
semiconductor device in question.
QCS is the thermal impedance from the surface of the case
to the heatsink. This component of the thermal impedance
can be modified by using thermal pads or thermal grease
between the case and the heat sink. These materials replace
the air gap normally found between heatsink and case with
a higher thermal conductivity path. Values of
QCS are
found in catalogs published by manufacturers of heatsinks
and thermal compounds.
Finally,
QSA is the thermal impedance from the heatsink to
ambient temperature.
QSA is the important parameter
when choosing a heatsink. Smaller values of
QSA allow
higher power dissipation without exceeding the maximum
junction temperature of the semiconductor device. Values
of
QSA are typically provided in catalogs published by
heatsink manufacturers.
The basic equation for selecting a heatsink is
PD =
where PD is on-chip power dissipation in watts, TJ is junc-
tion temperature in ¡C, TA is ambient temperature in¡C,
and thermal impedance
QJC , QCS , and QSA are in¡C/W.
All these quantities can be calculated or obtained from data
sheets. The choice of a heatsink is based on the value of
QSA required such that the calculated power dissipation
does not cause junction temperature to exceed the manu-
facturerÕs maximum specification.
Switching regulators generate noise a consequence of the
large values of current being switched on and off in normal
operation. Careful attention to layout of the printed circuit
board will usually minimize noise problems. Layout guide-
lines are provided in the next section. However, it may be
necessary in some cases to add filter inductors or bypass
capacitors to the circuitry to achieve the desired perfor-
mance.
The following guidelines should be observed in the layout
of PC boards for the CS5127:
1. Connect the PGND lead to the external ground with a
wide metal trace.
2. Connect both LGND and PGND together with a wide
trace as close to the IC as possible.
3. Make all ground connections to a common ground
plane with as few interruptions as possible. Breaks in
the ground plane metal should be made parallel to an
imaginary line between the supply connections and the
load.
4. Connect the ground side of the COMP lead capacitors
back to LGND with separate traces.
5. Place the VFFB lead capacitors as close to the VFFB leads
as possible.
6. Place the 5V line bypass capacitors as close to the
switch FETs as possible.
7. Place the output capacitor network as close to the load
as possible.
8. Route the GATE lead signals to the FET gates with a
metal trace at least 0.025 inches wide.
9. Use wide straight metal traces to connect between the
5V line and FETs, between FETs and inductors and
between inductors and loads to minimize resistance in
the high current paths. Avoid sharp turns, loops and
long lengths.
Layout Considerations
EMI Management
TJ - TA
QJC + QCS + QSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com