Electronic Components Datasheet Search
  English  ▼

X  

CS5127 Datasheet(PDF) 20 Page - Cherry Semiconductor Corporation

Part # CS5127
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127 Datasheet(HTML) 20 Page - Cherry Semiconductor Corporation

Back Button CS5127 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 19Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 20Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 21Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 22Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 23Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 24Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
0.85
0.75
0
Temperature (C)
0.90
0.80
0.70
10
50
70
20
30
60
40
Figure 36: Error Amplifier Output Low Voltage (500µA) vs
Temperature.
1.305
1.295
1.285
1.280
0
Temperature (C)
1.310
1.300
1.290
10
50
70
20
40
40
60
Figure 35: Error Amplifier Source Current vs Temperature.
0.105
0.101
0.097
010
30
40
50
70
Temperature (C)
20
60
0.103
0.099
0.095
Figure 33: VFB Bias Current vs Temperature.
70
50
20
0
-10
1.00E +00
Frequency (Hz)
60
40
30
10
-20
-30
1.00E +01 1.00E +02
1.00E +03 1.00E +04 1.00E +05
1.00E +06
1.00E +07
180
90
0
-45
1.00E+00
Frequency (Hz)
225
135
45
1.00E+01 1.00E+02
1.00E+03
1.00E+04
1.00E+05 1.00E+06
1.00E+07
Figure 31: Error Amplifier Gain vs Frequency.
Figure 34: Error Amplifier Phase vs Frequency.
450
410
370
350
010
30
40
50
70
Temperature (C)
20
60
430
390
Figure 32: SYNC Input Current vs Temperature (VSYNC = 5V).
20
Typical Performance Characteristics: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com