Electronic Components Datasheet Search
  English  ▼

X  

CS5127 Datasheet(PDF) 18 Page - Cherry Semiconductor Corporation

Part # CS5127
Description  Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5127 Datasheet(HTML) 18 Page - Cherry Semiconductor Corporation

Back Button CS5127 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 19Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 20Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 21Page - Cherry Semiconductor Corporation CS5127 Datasheet HTML 22Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1.00E+06
5.00E+05
1.00E+05
5.00E+04
2.00E+04
1.00E+04
20
22
26
28
30
34
RT (k
W)
36
40
2.00E+05
24
32
38
150pF
390pF
680pF
1.5nF
3.3nF
Figure 24: Oscillator Frequency vs RT,CT (VIN = 12V, T = 25C)
130
120
110
90
80
70
0
10
20
30
40
50
60
70
100
Temperature(C)
Figure 23: VREF Short Circuit Current vs Temperature.
18
Typical Performance Characteristics
5.005
5.004
5.003
5.002
5.001
5.000
4.999
0
10
20
30
40
50
Temperature (C)
70
60
4.992
4.990
4.998
4.988
4.986
4.980
4.978
0
10
20
30
40
50
Temperature (C)
60
70
Figure 19: VREF vs Temperature, 1mA Load.
Figure 21: VREF vs Temperature, 10mA Load.
18
16
14
12
10
8
0
10
20
30
40
50
Temperature (C)
60
70
18
16
14
12
10
8
0
10
20
30
40
50
Temperature (C)
60
70
Figure 20: Load Regulation vs Temperature 1mA to 10mA.
Figure 22: Line Regulation vs Temperature 9V to 20V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com