Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9625
Description  12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9625 Datasheet HTML 35Page - Analog Devices AD9625 Datasheet HTML 36Page - Analog Devices AD9625 Datasheet HTML 37Page - Analog Devices AD9625 Datasheet HTML 38Page - Analog Devices AD9625 Datasheet HTML 39Page - Analog Devices AD9625 Datasheet HTML 40Page - Analog Devices AD9625 Datasheet HTML 41Page - Analog Devices AD9625 Datasheet HTML 42Page - Analog Devices AD9625 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Data Sheet
AD9625
Table 30. User Test Pattern 2 LSB Register, Address 0x01B (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
User Test Pattern 2 least significant byte. Note: these bits are used only when Register 0x00D,
Bits[3:0] is in user input mode (Register 0x00D[3:0] = 1000). Otherwise, these bits are ignored.
Table 31. User Test Pattern 2 MSB Register, Address 0x01C (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
User Test Pattern 2 most significant byte. Note: these bits are used only when Register 0x00D,
Bits[3:0] is in user input mode (Register 0x00D[3:0] = 1000). Otherwise, these bits are ignored.
Table 32. User Test Pattern 3 LSB Register, Address 0x01D (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
User Test Pattern 3 least significant byte. Note: these bits are used only when Register 0x00D,
Bits[3:0] is in user input mode (Register 0x00D[3:0] = 1000). Otherwise, these bits are ignored.
Table 33. User Test Pattern 3 MSB Register, Address 0x01E (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
User Test Pattern 3 most significant byte. Note: these bits are used only when Register 0x00D,
Bits[3:0] is in user input mode (Register 0x00D[3:0] = 1000).Otherwise, these bits are ignored.
Table 34. User Test Pattern 4 LSB Register, Address 0x01F (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
User Test Pattern 4 least significant byte. Note: these bits are used only when Register 0x00D, Bits[3:0] is in user input
mode (Register 0x00D[3:0] = 1000). Otherwise, these bits are ignored.
Table 35. User Test Pattern 4 MSB Register, Address 0x020 (Default = 0x00)
Bit No.
Access
Bit Description
[7:0]
RW
User Test Pattern 4 most significant byte. Note: these bits are used only when Register 0x00D, Bits[3:0] is in user input
mode (Register 0x00D[3:0] = 1000). Otherwise, these bits are ignored.
Table 36. Synthesizer PLL Control Register, Address 0x021 (Default = 0x00)
Bit No.
Access
Bit Description
[7:5]
Unused.
4
RW
1 = force power-down of VCO LDO
3
RW
Reserved for future use.
[2:0]
Unused.
Table 37. ADC Analog Input Control Register, Address 0x02C (Default = 0x00)
Bit No.
Access
Bit Description
[7:3]
Unused.
2
RW
Set function on VMON pin.
0: unused.
1: allow customer to apply external reference on VMON pin.
[1:0]
Unused.
Table 38. SYSREF Control Register, Address 0x03A (Default = 0x00)
Bit No.
Access
Bit Description
7
RW
SYSREF status bit replaces the LSB from the converter.
0: normal mode.
1: SYSREF status bit replaces the LSB.
6
RW
SYSREF status bit flag reset. To use the flags, Register 0x03A, Bit 1 must be set to high.
0: normal flag operation.
1: SYSREF status bit flags held in reset.
5
Unused.
4
RW
SYSREF± transition selection.
0: SYSREF± is valid on low to high transitions using selected CLK edge.
1: SYSREF± is valid on high to low transitions using selected CLK edge.
Rev. 0 | Page 39 of 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com