Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9625
Description  12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9625 Datasheet HTML 27Page - Analog Devices AD9625 Datasheet HTML 28Page - Analog Devices AD9625 Datasheet HTML 29Page - Analog Devices AD9625 Datasheet HTML 30Page - Analog Devices AD9625 Datasheet HTML 31Page - Analog Devices AD9625 Datasheet HTML 32Page - Analog Devices AD9625 Datasheet HTML 33Page - Analog Devices AD9625 Datasheet HTML 34Page - Analog Devices AD9625 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Data Sheet
AD9625
ADC Output Control Bits on JESD204B Samples
When N' = 16 and the ADC resolution is 12, there are four
spare bits available per sample. Two of these spare bits can be
used as control bits in Location 2 to Location 1 of the sample,
depending on the configuration options. The control bits are set
in Register 0x072, Bits[7:6].
•
00: no control bits sent per sample (CS = 0).
•
01: one control bit sent per sample, overrange bit enabled,
(CS = 1).
•
10: two control bits sent per sample, overrange + time
stamped SYSREF control bit (marks the sample of a rising
edge seen on the SYSREF± pin), (CS = 2). Use of the
SYSREF control bit (CS = 2) time stamps a particular
analog sample that is seen coincident with a rising signal
on the SYSREF± pins.
Bits[5:4] in Register 0x061 control the JESD204B interface test
injection points.
•
00: 16-bit test generation data injected at the sample input
to the link.
•
01: 10-bit test generation data injected at the output of the
8-bit/10-bit encoder (at the input to PHY).
•
10: 8-bit test generation data injected at the input of the
scrambler.
•
11: reserved.
Bits[3:0] in Register 0x061 determine the type of test patterns
that are injected, as follows:
•
0000: normal operation (test mode disabled).
•
0001: alternating checkerboard.
•
0010: 1/0 word toggle.
•
0011: PN sequence: long (x23 + x18 + 1).
•
0101: continuous/repeat user test mode; most significant
bits from 16-bit user pattern (1, 2, 3, 4) are placed on the
output for one clock cycle and then repeated. (Output user
pattern: 1, 2, 3, 4, 1, 2, 3, 4, 1, 2, 3, 4, ….)
•
0110: single user test mode; most significant bits from the
16-bit user pattern (1, 2, 3, 4) placed on the output for one
clock cycle and then outputs all zeros. (Output user
pattern: 1, 2, 3, 4, then output all zeros.)
•
0111: Ramp output (dependent on test injection point and
number of bits, N).
•
1000: modified RPAT test sequence.
•
1001: unused.
•
1010: JSPAT test sequence.
•
1011: JTSPAT test sequence.
•
1100 to 1111: unused.
JESD204B APPLICATION LAYERS
The AD9625 supports the following application layer modes via
Register 0x063[3:0]:
•
0100: fS × x mode which supports line rates at integer
multiples of the sample rates
•
1000: single DDC mode, high bandwidth mode (only
DDC 0 used)
•
1001: single DDC mode, low bandwidth mode (only
DDC 0 used)
•
1010 to 1011: unused
•
1100: dual DDC mode, high bandwidth mode (both
DDC 0 and DDC 1 used)
•
1101: dual DDC mode, low bandwidth mode (both DDC 0
and DDC 1 used)
•
1110: dual DDC mode, mixed bandwidth mode (DDC 0
high bandwidth mode, DDC 1 low bandwidth mode,
samples repeated)
fS × 2, fS × 4, fS × 8 Modes
The JESD204B low multiplier mode application layer adds a
rate conversion on top of a JESD204B transmitter/receiver with
the following configuration parameters: M = 1; L = 8; S = 4;
F = 1; N = 16; N' = 16; CS = 0; CF = 0; SCR = 0, 1; HD = 1;
K = reference JESD204B specification.
In this mode, there are five actual samples per frame and
scrambling can be optionally enabled in the JESD204B
interface. The transmit portion of the low multiplier mode
JESD204B application layer is shown in Figure 46.
The first step in this application layer is where 12-bit ADC
samples are divided into six bytes.
To allow the line rate of the JESD204B interface to map directly
into an integer of the converter sample rate, a four to five rate
conversion takes place to group the 12-bit ADC samples into
blocks of five samples. During this rate conversion, for every
five 12-bit ADC sample, an extra user defined, 4-bit nibble is
appended to create a 64-bit frame. Next, the 64-bit low
multiplier frame maps into the four 16-bit JESD204B samples.
The most significant 16-bits of the 64-bit low multiplier frame
map to the oldest 16-bit JESD204Bsample and the least
significant 16-bits of the 64-bit low multiplier frame map to the
most recent 16-bit JESD204B sample.
The receive portion of the fS × 2 JESD204B application layer is
shown in Figure 47.
Rev. 0 | Page 31 of 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com