Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9625
Description  12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9625 Datasheet HTML 29Page - Analog Devices AD9625 Datasheet HTML 30Page - Analog Devices AD9625 Datasheet HTML 31Page - Analog Devices AD9625 Datasheet HTML 32Page - Analog Devices AD9625 Datasheet HTML 33Page - Analog Devices AD9625 Datasheet HTML 34Page - Analog Devices AD9625 Datasheet HTML 35Page - Analog Devices AD9625 Datasheet HTML 36Page - Analog Devices AD9625 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Data Sheet
AD9625
Figure 47. fS × 2 Application Layer (Receive)
FRAME ALIGNMENT CHARACTER INSERTION
Frame alignment character insertion (FACI) is defined in the
register map (see the Memory Map Register section). Disable
FACI only when it is used as a test feature.
The FACI disable bit is located in Register 0x05F, Bit 1. Use the
following settings:
•
Setting Bit 1 to 0 = FACI enabled
•
Setting Bit 1 to 1 = FACI disabled
THERMAL CONSIDERATIONS
Because of the high power nature of the device, it is critical to
provide airflow and/or install a heat sink when operating at a
high temperature. This ensures that the maximum case
temperature does not exceed 85°C.
POWER SUPPLY CONSIDERATIONS
The AD9625 must be powered by the following two supplies:
AVDD1 = DVDD1 = DRVDD1 = 1.3 V, AVDD2 = DVDD2 =
DRVDD2 = 2.5 V. An optional DVDDIO and SPI_DVDDIO
may be required at 2.5 V.
For applications requiring an optimal high power efficiency and
low noise performance, it is recommended that ADP2386
switching regulator is used to convert the 12 V input rail into
two intermediate rails (2.1 V and 3.6 V). These intermediate
rails are then postregulated by very low noise, low dropout (LDO)
regulators (ADP1740, ADP7104, and ADP125). Figure 48
shows the recommended method.
APPLICATION
LAYER
DATA LINK,
TRANSPORT,
AND PHY LAYERS
fS × 2 APPLICATION LAYER (RECEIVE)
4/5 RATE EXCHANGE
CUSTOMER APPLICATION
USER
DEFINED
ADC SAMPLE N
(12 BITS)
ADC SAMPLE N + 1
(12 BITS)
ADC SAMPLE N + 2
(12 BITS)
ADC SAMPLE N + 3
(12 BITS)
48 BITS
@
fS/4
64 BITS
@
fS/5
64 BITS
@
fS/5
ADC SAMPLE N
(12 BITS)
ADC SAMPLE N + 1
(12 BITS)
ADC SAMPLE N + 2
(12 BITS)
ADC SAMPLE N + 3
(12 BITS)
ADC SAMPLE N + 4
(12 BITS)
(4 BITS)
S[N][11:0], S[N + 1][11:8]
(16 BITS)
S[N + 1][7:0], S[N + 2][11:4]
(16 BITS)
S[N + 2][3:0], S[N + 3][11:0]
(16 BITS)
S[N + 4][11:0], UD[3:0]
(16 BITS)
JESD SAMPLE N
(16 BITS)
JESD SAMPLE N + 1
(16 BITS)
JESD SAMPLE N + 2
(16 BITS)
JESD SAMPLE N + 3
(16 BITS)
JESD204B FRAMER + PHY
(M = 1; L = 8; S = 4; F = 1; N = 16; N' = 16; CF = 0; SCR = 0, 1; HD = 1; K = SEE SPEC
Rev. 0 | Page 33 of 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com