Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9625
Description  12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9625 Datasheet HTML 13Page - Analog Devices AD9625 Datasheet HTML 14Page - Analog Devices AD9625 Datasheet HTML 15Page - Analog Devices AD9625 Datasheet HTML 16Page - Analog Devices AD9625 Datasheet HTML 17Page - Analog Devices AD9625 Datasheet HTML 18Page - Analog Devices AD9625 Datasheet HTML 19Page - Analog Devices AD9625 Datasheet HTML 20Page - Analog Devices AD9625 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Data Sheet
AD9625
Figure 18. Two Tone FFT Plot at 2.0 GSPS, fIN1 = 1805.5 MHz and
fIN2 = 1808.5 MHz at AIN, −7 dBFS (SFDR = 78.1 dBc)
Figure 19. Two Tone FFT Plot at 2.0 GSPS, fIN1 = 728.5 MHz and
fIN2 = 731.5 MHz at AIN, −7 dBFS (SFDR = 81 dBc)
Figure 20. Two Tone FFT Plot at 2.0 GSPS, fIN1 = 228.5 MHz and
fIN2 = 231.5 MHz at AIN, −7 dBFS (SFDR = 81 dBc)
Figure 21. Differential Nonlinearity (DNL), ±0.2 LSB
Figure 22. Integral Nonlinearity (INL), ±0.4 LSB
0
–120
–100
–80
–60
–40
–20
0
1000
800
600
400
200
FREQUENCY (MHz)
2000MSPS
fIN1 = 1805.5MHz AT –7.0dBFS
fIN2 = 1808.5MHz AT –7.0dBFS
SFDR = 78.117dBc
0
–120
–100
–80
–60
–40
–20
0
1000
800
600
400
200
FREQUENCY (MHz)
2000MSPS
fIN1 = 728.5MHz AT –7.0dBFS
fIN2 = 731.5MHz AT –7.0dBFS
SFDR = 80.98dBc
0
–120
–100
–80
–60
–40
–20
0
1000
800
600
400
200
FREQUENCY (MHz)
2000MSPS
fIN1 = 228.5MHz AT –7.0dBFS
fIN2 = 231.5MHz AT –7.0dBFS
SFDR = 80.76dBc
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–1
4095
3071
2047
1023
CODES
0.6
–0.6
–0.4
–0.2
0
0.2
0.4
0
4096
3072
2048
1024
CODES
Rev. 0 | Page 17 of 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com