Electronic Components Datasheet Search
  English  ▼

X  

AD9625 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9625
Description  12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9625 Datasheet HTML 12Page - Analog Devices AD9625 Datasheet HTML 13Page - Analog Devices AD9625 Datasheet HTML 14Page - Analog Devices AD9625 Datasheet HTML 15Page - Analog Devices AD9625 Datasheet HTML 16Page - Analog Devices AD9625 Datasheet HTML 17Page - Analog Devices AD9625 Datasheet HTML 18Page - Analog Devices AD9625 Datasheet HTML 19Page - Analog Devices AD9625 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
AD9625
Data Sheet
Figure 12. Full Power Bandwidth at 2.0 GSPS
Figure 13. Two Tone SFDR and IMD3 vs. Analog Input Amplitude at 2.0 GSPS
at 1800 MHz AIN
Figure 14. Two Tone SFDR and IMD3 vs. Analog Input Amplitude at 2.0 GSPS
at 230 MHz AIN
Figure 15. SNR/SFDR vs. Analog Input Frequency at Different Temperatures
at 2.0 GSPS
Figure 16. SNR/SFDR vs. Sample Rate
Figure 17. Input Referred Noise Histogram
0
–14
–12
–10
–8
–6
–4
–2
10M
100M
1G
10G
AIN FREQUENCY (Hz)
120
100
80
60
40
20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
120
100
80
60
40
20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
90
85
80
75
70
65
60
55
50
100
300
500
700
900
1100
1300
1500
1700
1900
ANALOG INPUT FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
TA = +90°C
TA = +25°C
TA = –55°C
100
95
90
85
80
75
70
65
60
55
40
45
50
300
500
700
900
1100
1300
1500
1700
1900
SAMPLE RATE (MSPS)
SFDR (dBc), 240.1MHz
SFDR (dBc), 1810.3MHz
SNR (dBFS), 240.1MHz
SNR (dBFS), 1810.3MHz
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
MORE
N – 4
N – 2
N
MORE
N + 4
N + 2
BINS
Rev. 0 | Page 16 of 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com