Electronic Components Datasheet Search
  English  ▼

X  

80960JD Datasheet(PDF) 81 Page - Intel Corporation

Part # 80960JD
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 81 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 77Page - Intel Corporation 80960JD Datasheet HTML 78Page - Intel Corporation 80960JD Datasheet HTML 79Page - Intel Corporation 80960JD Datasheet HTML 80Page - Intel Corporation 80960JD Datasheet HTML 81Page - Intel Corporation 80960JD Datasheet HTML 82Page - Intel Corporation 80960JD Datasheet HTML 83Page - Intel Corporation 80960JD Datasheet HTML 84Page - Intel Corporation 80960JD Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
81
Table 42. Boundary-Scan Register—Bit Order
Bit
Signal
Input/
Output
Bit
Signal
Input/
Output
Bit
Signal
Input/
Output
0
RDYRCV#
(TDI)
I24
DEN#
O48
AD17
I/O
1
HOLD
I25
HOLDA
O49
AD16
I/O
2
XINT0#
I26
ALE
O50
AD15
I/O
3
XINT1#
I27
LOCK#/
ONCE# cell
Enable cell†
51
AD14
I/O
4
XINT2#
I28
LOCK#/
ONCE#
I/O
52
AD13
I/O
5
XINT3#
I29
BSTAT
O53
AD12
I/O
6
XINT4#
I30
BE0#
O54
AD cells
Enable
cell†
7
XINT5#
I31
BE1#
O55
AD11
I/O
8
XINT6#
I32
BE2#
O56
AD10
I/O
9
XINT7#
I33
BE3#
O57
AD9
I/O
10
NMI#
I34
AD31
I/O
58
AD8
I/O
11
FAIL#
I35
AD30
I/O
59
AD7
I/O
12
ALE#
O36
AD29
I/O
60
AD6
I/O
13
WIDTH/HLTD1
O37
AD28
I/O
61
AD5
I/O
14
WIDTH/HLTD0
O38
AD27
I/O
62
AD4
I/O
15
A2
O39
AD26
I/O
63
AD3
I/O
16
A3
O40
AD25
I/O
64
AD2
I/O
17
CONTROL1
Enable cell†
41
AD24
I/O
65
AD1
I/O
18
CONTROL2
Enable cell†
42
AD23
I/O
66
AD0
I/O
19
BLAST#
O43
AD22
I/O
67
CLKIN
I
20
D/C#
O44
AD21
I/O
68
RESET#
I
21
ADS#
O45
AD20
I/O
69
STEST
(TDO)
I
22
W/R#
O46
AD19
I/O
23
DT/R#
O47
AD18
I/O
†
Enable cells are active low.
Table 43. Natural Boundaries for Load and Store Accesses
Data Width
Natural Boundary (Bytes)
Byte
1
Short Word
2
Word
4
Double Word
8
Triple Word
16
Quad Word
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com