Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111 Datasheet(HTML) 3 Page - Texas Instruments

  XTR111 Datasheet HTML 1Page - Texas Instruments XTR111 Datasheet HTML 2Page - Texas Instruments XTR111 Datasheet HTML 3Page - Texas Instruments XTR111 Datasheet HTML 4Page - Texas Instruments XTR111 Datasheet HTML 5Page - Texas Instruments XTR111 Datasheet HTML 6Page - Texas Instruments XTR111 Datasheet HTML 7Page - Texas Instruments XTR111 Datasheet HTML 8Page - Texas Instruments XTR111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
XTR111
www.ti.com
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range: TA = –40°C to +85°C.
All specifications at TA = +25°C, VVSP = +24V, RSET = 2.0kΩ, REGF connected to REGS; OD = Low, External FET connected,
unless otherwise noted.
XTR111
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TRANSMITTER
Transfer Function
IOUT = 10 × VVIN/RSET
Specified Output Current
IOUT
Specified Performance(1)
0.1
25
mA
Derated Performance(2)
0 to 36
mA
Current Limit for Output Current
42
± 6
mA
Nonlinearity, IOUT/ISET
(2) (3)
0.1mA to 25mA
0.002
0.02
% of Span
0.1mA to 36mA
0.004
% of Span
Offset Current
IOS
IOUT = 4mA
(1)
0.002
0.02
% of Span
vs Temperature
0.0002
0.001
% of Span/
°C
vs Supply, VVSP
8V to 40V Supply
0.0001
0.005
% of Span/V
Span Error, IOUT/ISET
(2)
0.1mA to 25mA
0.015
0.1
% of Span
vs Temperature(1) (2)
5
ppm/
°C
vs Supply(1)
0.0001
% of Span/V
Output Resistance
From Drain of QEXT
(4)
> 1
G
Ω
Output Leakage
OD = high
< 1
μA
Input Impedance (VIN)
2.4/30
G
Ω/pF
Input Bias Current (VIN)
IB
15
25
nA
Input Offset Voltage(2)
VOS
VVIN = 20mV
0.3
1.5
mV
vs Temperature
1.5
μV/°C
Input Voltage Range(5)
VVIN
0 to 12
V
Noise, Referred to Input(2)
0.1Hz to 10Hz; IOUT = 4mA
2.5
μVPP
See Dynamic Performance
Dynamic Response
Section
(1)
Includes input amplifier, but excludes RSET tolerance. Offset current is the deviation from the current ratio of ISET to IIS (output current).
(2)
See Typical Characteristics.
(3)
Span is the change in output current resulting from a full-scale change in input voltage.
(4)
Within compliance range limited by (+VVSP – 2V) +VDS required for linear operation of QEXT.
(5)
See Application Information, Input Voltage section.
Copyright
© 2006–2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com