Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111 Datasheet(HTML) 13 Page - Texas Instruments

Back Button XTR111 Datasheet HTML 9Page - Texas Instruments XTR111 Datasheet HTML 10Page - Texas Instruments XTR111 Datasheet HTML 11Page - Texas Instruments XTR111 Datasheet HTML 12Page - Texas Instruments XTR111 Datasheet HTML 13Page - Texas Instruments XTR111 Datasheet HTML 14Page - Texas Instruments XTR111 Datasheet HTML 15Page - Texas Instruments XTR111 Datasheet HTML 16Page - Texas Instruments XTR111 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
XTR111
www.ti.com
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
EXPLANATION OF PIN FUNCTIONS
EF : The active low error flag (logic output) is
intended for use with an external pull-up to logic-high
VIN: This input is a conventional, noninverting,
for reliable operation when this output is used.
high-impedance input of the internal operational
However, it has a weak internal pull-up to 5V and can
amplifier (OPA). The internal circuitry is protected by
be left unconnected if not used.
clamp diodes to supplies. An additional clamp
connected to approximately 18V protects internal
OD: This control input has a 4
μA internal pull-up
circuitry. Place a small resistor in series with the input
disabling the output. A pull-down or short to GND is
to limit the current into the protection if voltage can be
required to activate the output. Controlling OD
present without the XTR111 being powered. Consider
reduces
output
glitches
during
power-on
and
a resistor value equal to RSET for bias current
power-off. This logic input controls the output. If not
cancellation.
used, connect to GND.
SET: The total resistance connected between this pin
The regulator is not affected by OD.
and
VIN
reference
sets
the
transconductance.
Additional series resistance can degrade accuracy
EXTERNAL CURRENT LIMIT
and drift. The voltage on this pin must not exceed
The XTR111 does not provide internal current limit for
14V because this pin is not protected to voltages
the case of when the external FET is forced to low
above this level.
impedance. The internal current source controls the
IS: This output pin is connected to the transistor
current, but a high current from IS to GND forces an
source of the external FET. The accuracy of the
internal voltage clamp between VSP and IS to turn
output current to IS is achieved by dynamic error
on. This results in a low resistance path and the
correction in the current mirror. This pin should never
current is only limited by the load impedance and the
be pulled more than 6.5V below the positive supply.
current capability of the external FET. A high current
An internal clamp is provided to protect the circuit;
can destroy the IC. With the current loop interrupted
however, it must be externally current-limited to less
(the load disconnected) the external MOSFET is fully
than 50mA.
turned on with large gate to source voltage stored in
the gate capacitance. In the moment the loop is
VG: The gate drive for the external FET is protected
closed (the load connected) current flows into the
against shorts to the supply and GND. The circuit is
load. But for the first few micro-seconds the MOSFET
clamped so that it will not drive more than 18V below
is still turned on and destructive current can flow,
the positive supply. The external FET should be
depending on the load impedance.
protected if its gate could be externally pulled beyond
its ratings.
An external current limit is recommended to protect
the XTR111 from this condition. Figure 37a shows an
REGF: The output of the regulator buffer can source
example of a current limit circuit. The current should
up to 5mA current, but has very limited (less than
be limited to 50mA. The 15
Ω resistor (R6) limits the
50
μA) sinking capability. The maximum short-circuit
current to approximately 37mA (33mA when hot). The
current is in the range of 15mA to 25mA, changing
PNP transistor should allow a peak current of several
over temperature.
hundred mA. An example device is the (KST)2907.
REGS: This pin is the sense input of the voltage
Power dissipation is not normally critical because the
regulator. It is referenced to an internal 3V reference
peak current duration is only a few micro-seconds.
circuit. The input bias current can be up to 2
μA. Avoid
However, observe the leakage current through the
capacitive loading of REGS that may compromise the
transistor from IS to VG. The addition of this current
loop stability of the voltage regulator.
limiting
transistor
and
R6 still require time to
discharge the gate of the external MOSFET. R7 and
VSP: The supply voltage of up to a maximum of 44V
C3 are added for this reason, as well as to limit the
allows operation in harsh industrial environment and
steepness of external distortion pulses. Additional
provides
headroom
for
easy
protection
against
EMI and over-voltage protection may be required
over-voltage. Use a large enough bypass capacitor (
>
according to the application.
100nF) and eventually a damping inductor or a small
resistor (5
Ω) to decouple the XTR111 supply from the
Figure 37b is a universal and basic current limiter
noise typically found on the 24V supplies.
circuit, using PNP or NPN transistors that can be
connected in the source (IS to S) or in the drain
output (in series with the current path). This circuit
does not contribute to leakage currents. Consider
adding an output filter like R7 and C3 in this limiter
circuit.
Copyright
© 2006–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com