Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111 Datasheet(HTML) 7 Page - Texas Instruments

Back Button XTR111 Datasheet HTML 3Page - Texas Instruments XTR111 Datasheet HTML 4Page - Texas Instruments XTR111 Datasheet HTML 5Page - Texas Instruments XTR111 Datasheet HTML 6Page - Texas Instruments XTR111 Datasheet HTML 7Page - Texas Instruments XTR111 Datasheet HTML 8Page - Texas Instruments XTR111 Datasheet HTML 9Page - Texas Instruments XTR111 Datasheet HTML 10Page - Texas Instruments XTR111 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
GainError(%)
Nonlinearity(%)
NonlinearityDrift(ppm/ C)
°
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-75
-50
Temperature( C)
°
125
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-25
0
25
50
75
100
0.1mAto25mA
4mAto20mA
GainErrorDrift(ppm/ C)
°
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
-75
-50
Temperature( C)
°
125
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-25
0
25
50
75
100
4mAto20mA
0.1mAto25mA
XTR111
www.ti.com
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VVSP = +24V, unless otherwise noted.
NONLINEARITY DISTRIBUTION
GAIN ERROR DISTRIBUTION
Figure 7.
Figure 8.
NONLINEARITY DRIFT DISTRIBUTION
NONLINEARITY vs TEMPERATURE
(IOUT = 0.1mA to 25mA; T = –55°C to +125°C)
Figure 9.
Figure 10.
GAIN ERROR DRIFT DISTRIBUTION
GAIN ERROR vs TEMPERATURE
(IOUT = 0.1mA to 25mA; T = –55°C to +125°C)
Figure 11.
Figure 12.
Copyright
© 2006–2011, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com