Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111 Datasheet(HTML) 14 Page - Texas Instruments

Back Button XTR111 Datasheet HTML 10Page - Texas Instruments XTR111 Datasheet HTML 11Page - Texas Instruments XTR111 Datasheet HTML 12Page - Texas Instruments XTR111 Datasheet HTML 13Page - Texas Instruments XTR111 Datasheet HTML 14Page - Texas Instruments XTR111 Datasheet HTML 15Page - Texas Instruments XTR111 Datasheet HTML 16Page - Texas Instruments XTR111 Datasheet HTML 17Page - Texas Instruments XTR111 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Q
2
VG
IS
Q
1
C
10nF
3
I
OUT
R
6
15W
R
7
15W
Q
2
VG
IS
R
6
15W
R
8
5kW
Q
1
Q
3
I
OUT
a) Gate-Controlled Current Limit
b) Serial Current Limit
VSP
VG
OD
Switch
3kW
16V
GND
XTR111
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
www.ti.com
the OD pin high disables the gate driver and closes a
switch connecting an internal 3k
Ω resistor from the
VSP pin to the VG pin. This resistor discharges the
gate of the external FET and closes the channel; see
Figure 38.
Table 1 lists some example devices in SO-compatible
packages, but other devices can be used as well.
Avoid external capacitance from IS. This capacitance
could
be
compensated
by
adding
additional
capacitance
from
VG
to
IS;
however,
this
compensation may slow the output down.
The drain-to-source breakdown voltage should be
selected high enough for the application. Surge
voltage protection might be required for negative
Figure 37. External Current Limit Circuits
over-voltages. For positive over-voltages, a clamp
diode to the 24V supply is recommended, protecting
the FET from reversing.
EXTERNAL MOSFET
The XTR111 delivers the precise output current to the
IS pin. The voltage at this pin is normally 1.4V below
VVSP.
This output requires an external transistor (QEXT) that
forms a cascode for the current output. The transistor
must be rated for the maximum possible voltage on
VOUT and must dissipate the power generated by the
current and the voltage across it.
The gate drive (VG) can drive from close to the
positive supply rail to 16V below the positive supply
Figure 38. Equivalent Circuit for Gate Drive and
voltage (VVSP). Most modern MOSFETs accept a
Disable Switch
maximum VGS of 20V. A protection clamp is only
required if a large drain gate capacitance can pulse
the gate beyond the rating of the MOSFET. Pulling
Table 1. P-Channel MOSFET (Examples)(1)
MANUFACTURER
PART NO.
BREAKDOWN VGS
PACKAGE
C-GATE
Infineon
BSP170P
–60V
SOT-223
328pF
NEC
2SJ326-Z
–60V
Spec.
320pF
ON Semiconductor
NTF2955
–60V
SOT-223
492pF
Supertex Inc.
TP2510
–100V
TO-243AA
80pF
(1)
Data from published product data sheet; not ensured.
14
Copyright
© 2006–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com