Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111 Datasheet(HTML) 4 Page - Texas Instruments

  XTR111 Datasheet HTML 1Page - Texas Instruments XTR111 Datasheet HTML 2Page - Texas Instruments XTR111 Datasheet HTML 3Page - Texas Instruments XTR111 Datasheet HTML 4Page - Texas Instruments XTR111 Datasheet HTML 5Page - Texas Instruments XTR111 Datasheet HTML 6Page - Texas Instruments XTR111 Datasheet HTML 7Page - Texas Instruments XTR111 Datasheet HTML 8Page - Texas Instruments XTR111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
XTR111
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range: TA = –40°C to +85°C.
All specifications at TA = +25°C, VVSP = +24V, RSET = 2.0kΩ, REGF connected to REGS; OD = Low, External FET connected,
unless otherwise noted.
XTR111
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V-Regulator Output (REGF)
Voltage Reference(6)
RLOAD = 5kΩ
2.85
3.0
3.15
V
vs Temperature(6)
30
ppm/
°C
vs Supply(6)
0.1
mV/V
Bias Current into REGS(6)
0.8
μA
Load Regulation
0.6mA to 5mA
3
5
mV/mA
Supply Regulation(6)
RLOAD = 5kΩ
0.01
mV/V
Output Current
5
mA
Short-Circuit Output Current
21
mA
DIGITAL INPUT (OD)
VIL Low-Level Threshold
0.6
V
VIH High-Level Threshold
1.8
V
Internal Pull-Up Current
VOD < 5.5V
4
μA
DIGITAL OUTPUT (EF)
IOH Leakage Current (Open Drain)
1
μA
VOL Low-Level Output Voltage
IEF = 2.2mA
0.8
V
IOL Current to 400mV Level
VEF = 400mV
2
mA
POWER SUPPLY
Specified Voltage Range
+8
+40
V
Operating Voltage
+7 to +44
V
Quiescent Current(6)
IQ
IOUT = 0mA
450
550
μA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Package Thermal Impedance,
θJA
DFN
70
°C/W
MSOP
63
°C/W
(6)
See Typical Characteristics.
4
Copyright
© 2006–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com