Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111 Datasheet(HTML) 6 Page - Texas Instruments

Back Button XTR111 Datasheet HTML 2Page - Texas Instruments XTR111 Datasheet HTML 3Page - Texas Instruments XTR111 Datasheet HTML 4Page - Texas Instruments XTR111 Datasheet HTML 5Page - Texas Instruments XTR111 Datasheet HTML 6Page - Texas Instruments XTR111 Datasheet HTML 7Page - Texas Instruments XTR111 Datasheet HTML 8Page - Texas Instruments XTR111 Datasheet HTML 9Page - Texas Instruments XTR111 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
5
10
SupplyVoltage(V)
45
550
530
510
490
470
450
430
410
390
370
350
15
20
25
30
35
40
-75
-50
Temperature(°C)
125
700
650
600
550
500
450
400
350
300
-25
0
25
50
75
100
1k
Frequency(Hz)
10M
40
30
20
10
0
-10
-20
-30
-40
10k
100k
1M
R
=2k ,R
W
=2kW
SET
LOAD
R
=2k ,R
W
W
=600
SET
LOAD
R
=2k ,R
W
W
=200
SET
LOAD
Gain=V
/V
LOAD
VIN
SeeApplicationsInformation,
DynamicPerformance
10
Frequency(Hz)
1M
140
120
100
80
60
40
20
0
100
1k
10k
100k
R
SET =2kW,NoBypassCap
1s/div
I
=4mA
OUT
1
Frequency(Hz)
100k
100m
10m
1m
100n
10n
I
=2mA
OUT
10
100
1k
10k
XTR111
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C and VVSP = +24V, unless otherwise noted.
QUIESCENT CURRENT vs SUPPLY VOLTAGE
QUIESCENT CURRENT vs TEMPERATURE
Figure 1.
Figure 2.
GAIN vs FREQUENCY
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
Figure 3.
Figure 4.
0.1Hz to 10Hz NOISE, RTI
INPUT-REFERRED NOISE SPECTRUM
Figure 5.
Figure 6.
6
Copyright
© 2006–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com