Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111 Datasheet(HTML) 17 Page - Texas Instruments

Back Button XTR111 Datasheet HTML 13Page - Texas Instruments XTR111 Datasheet HTML 14Page - Texas Instruments XTR111 Datasheet HTML 15Page - Texas Instruments XTR111 Datasheet HTML 16Page - Texas Instruments XTR111 Datasheet HTML 17Page - Texas Instruments XTR111 Datasheet HTML 18Page - Texas Instruments XTR111 Datasheet HTML 19Page - Texas Instruments XTR111 Datasheet HTML 20Page - Texas Instruments XTR111 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
VIN
1N4148
V-Signal
2.2kW
R
SET
2kW
VIN
SET
+100mV
Offset
120kW
5V
Reference
I-VAmp
XTR111
VIN
1Vto5V
R
1
40kW
InputVoltage
0Vto5V
Reference
Voltage
5V
R
2
10kW
XTR111
www.ti.com
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
More protection against negative input signals is
LEVEL SHIFT OF 0V INPUT AND
provided using a standard diode and a 2.2k
Ω resistor,
TRANSCONDUCTANCE TRIM
as shown in Figure 42.
The XTR111 offers low offset voltage error at the
input, which normally does not require cancellation. If
the signal source cannot deliver 0V in a single-supply
circuit, an additional resistor from the SET pin to a
positive reference voltage or the regulator output
(Figure 44) can shift the zero level for the input (VIN)
to a positive voltage. Therefore, the signal source can
drive this value within a positive voltage range. The
Figure 42. Enhanced Protection Against Negative
example
shows
a
+100mV
(102.04mV)
offset
Overload of VIN
generated to the signal input. The larger this offset,
however,
the
more
influence
of
its
drift
and
inaccuracy is seen in the output signal. The voltage at
4mA
–20mA OUTPUT
SET should not be larger than 12V for linear
The XTR111 does not provide internal circuits to
operation.
generate 4mA with 0V input signal. The most
Transconductance (the input voltage to output current
common way to shift the input signal is a two resistor
ratio) is set by RSET. The desired resistor value may
network connected to a voltage reference and the
be found by choosing a combination of two resistors.
signal
source,
as
shown
in
Figure
43.
This
arrangement allows easy adjustment for over-and
under-range. The example assumes a 5V reference
(VREF) that equals the full-scale signal voltage and a
signal span of 0V to 5V for 4mA to 20mA (IMIN to
IMAX) output.
The voltage regulator output or a more precise
reference can be used as VREF. Observe the potential
drift added by the drift of the resistors and the voltage
reference.
Figure 44. Input Voltage Level Shift for 0mA
Output Current
Figure 43. Resistive Divider for IMIN to IMAX Output
(4mA to 20mA) with 0V to VFS Signal Source
Copyright
© 2006–2011, Texas Instruments Incorporated
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com