Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111 Datasheet(HTML) 12 Page - Texas Instruments

Back Button XTR111 Datasheet HTML 8Page - Texas Instruments XTR111 Datasheet HTML 9Page - Texas Instruments XTR111 Datasheet HTML 10Page - Texas Instruments XTR111 Datasheet HTML 11Page - Texas Instruments XTR111 Datasheet HTML 12Page - Texas Instruments XTR111 Datasheet HTML 13Page - Texas Instruments XTR111 Datasheet HTML 14Page - Texas Instruments XTR111 Datasheet HTML 15Page - Texas Instruments XTR111 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
V
=3V
(R +R )/R
REGF
1
2
2
·
3V
REGF
REGS
5V
Signal
Source
(Sensoror
DAC,for
example)
V
=24VSupply
VSP
I-Mirror
VSP
1
9
8
2
IS
(PullLowforNormalOperation)
OD
EF
C
1
R
2
8.2kW
VIN
6
4
5
R
SET
SET
7
10
GND
R
1
5.6kW
I
=10
OUT
()
V
VIN
R
SET
VG
Q
2
(1)
Q
1
15W
15W
S
D
G
10nF
0mAto20mA
4mAto20mA
Load
(±LoadGround)
3
XTR111
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
www.ti.com
APPLICATION INFORMATION
used
during
power-on,
multiplexing
and
other
The XTR111 is a voltage-controlled current source
conditions where the output should present no
capable of delivering currents from 0mA to 36mA.
current. It has an internal pull-up that causes the
The primary intent of the device is to source the
XTR111 to come up in output disable mode unless
commonly-used
industrial
current
ranges
of
the OD pin is tied low.
0mA
–20mA or 4mA–20mA. The performance is
specified for a supply voltage of up to 40V. The
The onboard voltage regulator can be adjusted
maximum
supply
voltage
is
44V.
The
between 3V to 15V and delivers up to 5mA load
voltage-to-current ratio is defined by an external
current. It is intended to supply signal conditioning
resistor, RSET; therefore, the input voltage range can
and sensor excitation in 3-wire sensor systems.
be freely set in accordance with the application
Voltages above 3V can be set by a resistive divider.
requirement. The output current is cascoded by an
Figure 36 shows a basic connection for the XTR111.
external P-Channel MOSFET transistor for large
The input voltage VVIN reappears across RSET and
voltage compliance extending below ground, and for
controls 1/10 of the output current. The I-Mirror has a
easy power dissipation. This arrangement ensures
precise current gain of 10. This configuration leads to
excellent suppression of typical interference signals
the transfer function:
from the industrial environment because of the
extremely high output impedance and wide voltage
IOUT = 10 • (VVIN/RSET)
compliance.
The output of the voltage regulator can be set over
An error detection circuit activates a logic output
the range of 3V to 12V by selecting R1 and R2 using
(error flag) in case the output current cannot correctly
the following equation.
flow. It indicates a wire break, high load resistor, or
(1)
loss of headroom for the current output to the positive
supply. The output disable (OD) provided can be
Figure 36. Basic Connection for 0mA to 20mA Related to 0V to 5V Signal Input. The Voltage Regulator is
Set to 5V Output
12
Copyright
© 2006–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com