Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111 Datasheet(HTML) 8 Page - Texas Instruments

Back Button XTR111 Datasheet HTML 4Page - Texas Instruments XTR111 Datasheet HTML 5Page - Texas Instruments XTR111 Datasheet HTML 6Page - Texas Instruments XTR111 Datasheet HTML 7Page - Texas Instruments XTR111 Datasheet HTML 8Page - Texas Instruments XTR111 Datasheet HTML 9Page - Texas Instruments XTR111 Datasheet HTML 10Page - Texas Instruments XTR111 Datasheet HTML 11Page - Texas Instruments XTR111 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
4
I
(mA)
OUT
20
0.0020
0.0015
0.0010
0.0005
0.000
-0.0005
-0.0010
-0.0015
-0.0020
8
12
16
0
5
10
15
20
I
(mA)
OUT
25
0.0020
0.0015
0.0010
0.0005
0.000
-0.0005
-0.0010
-0.0015
-0.0020
0
5
I
(mA)
OUT
40
0.010
0.008
0.006
0.004
0.002
0.000
-0.002
-0.004
-0.006
-0.008
-0.010
10
15
20
25
30
35
SevenTypicalUnitsShown
-75
-50
Temperature( C)
°
125
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
-25
0
25
50
75
100
V
=12V
VSP
0
5
OutputCurrent(mA)
40
3.0
2.5
2.0
1.5
1.0
0.5
0
10
15
20
25
30
35
-75
-50
Temperature( C)
°
125
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
-25
0
20mA
10mA
4mA
25
50
75
100
XTR111
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VVSP = +24V, unless otherwise noted.
TYPICAL NONLINEARITY
TYPICAL NONLINEARITY
(2pt Calibration at 4mA and 20mA)
(2pt Calibration at 0.1mA and 25mA)
Figure 13.
Figure 14.
TYPICAL NONLINEARITY
INPUT VOLTAGE RANGE LIMIT TO THE
(2pt Calibration at 0.1mA and 36mA)
POSITIVE SUPPLY vs TEMPERATURE
Figure 15.
Figure 16.
OUTPUT SWING OF THE VOLTAGE ON IS PIN (VIS)
OUTPUT SWING OF THE VOLTAGE ON IS PIN (VIS)
vs OUTPUT CURRENT
vs TEMPERATURE
Figure 17.
Figure 18.
8
Copyright
© 2006–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com