Electronic Components Datasheet Search
  English  ▼

X  

XTR111 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111 Datasheet(HTML) 11 Page - Texas Instruments

Back Button XTR111 Datasheet HTML 7Page - Texas Instruments XTR111 Datasheet HTML 8Page - Texas Instruments XTR111 Datasheet HTML 9Page - Texas Instruments XTR111 Datasheet HTML 10Page - Texas Instruments XTR111 Datasheet HTML 11Page - Texas Instruments XTR111 Datasheet HTML 12Page - Texas Instruments XTR111 Datasheet HTML 13Page - Texas Instruments XTR111 Datasheet HTML 14Page - Texas Instruments XTR111 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
5V/div
5V/div
10 s/div
m
PhototakenwithC
=130pF
GATE
10V/div
2V/div
10 s/div
m
PhototakenwithC
=130pF
GATE
10mV/div
1V/div
40 s/div
m
2V/div
10mV/div
40 s/div
m
-75
-50
Temperature( C)
°
125
29
27
25
23
21
19
17
15
-25
0
25
50
75
100
XTR111
www.ti.com
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VVSP = +24V, unless otherwise noted.
STEP RESPONSE: VFS = 4V, RSET = 2kΩ, RLD = 600Ω
STEP RESPONSE: VFS = 2.5V, RSET = 1.25kΩ, RLD = 600Ω
(Rising Edge Depends on CGATE at VG Pin)
(Rising Edge Depends on CGATE at VG Pin)
Figure 31.
Figure 32.
REGULATOR LOAD TRANSIENT
REGULATOR LOAD TRANSIENT
(VREG Gain = 1V, VREGF = 3V, CL = 470nF,
(VREG Gain = 4V, VREGF = 12V, CL = 470nF,
ILOAD = 3mA ± 0.3mA)
ILOAD = 3mA ± 0.3mA)
Figure 33.
Figure 34.
MAXIMUM REGULATOR CURRENT vs TEMPERATURE
Figure 35.
Copyright
© 2006–2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com