Electronic Components Datasheet Search
  English  ▼

X  

MB3882 Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # MB3882
Description  2-channel DC/DC Converter IC with Synchronous Rectifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3882 Datasheet(HTML) 5 Page - fujitsu semiconductor

  MB3882 Datasheet HTML 1Page - fujitsu semiconductor MB3882 Datasheet HTML 2Page - fujitsu semiconductor MB3882 Datasheet HTML 3Page - fujitsu semiconductor MB3882 Datasheet HTML 4Page - fujitsu semiconductor MB3882 Datasheet HTML 5Page - fujitsu semiconductor MB3882 Datasheet HTML 6Page - fujitsu semiconductor MB3882 Datasheet HTML 7Page - fujitsu semiconductor MB3882 Datasheet HTML 8Page - fujitsu semiconductor MB3882 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MB3882
5
s
s
s
s ABSOLUTE MAXIMUM RATINGS
* : The packages are mounted on the dual-sided epoxy board (10cm
× 10cm).
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Conditions
Rating
Unit
Min.
Max.
Supply voltage
VCC

20
V
Boot voltage
VCB
CB terminal
25
V
Output current
IO

120
mA
Peak output current
IOP
Duty
≤ 5%
(t
= 1 / fOSC × Duty)
800
mA
Power dissipation
PD
Ta
≤ +25 °C
740*
mW
Storage temperature
Tstg
−55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com