Electronic Components Datasheet Search
  English  ▼

X  

MB3882 Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB3882
Description  2-channel DC/DC Converter IC with Synchronous Rectifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3882 Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB3882 Datasheet HTML 5Page - fujitsu semiconductor MB3882 Datasheet HTML 6Page - fujitsu semiconductor MB3882 Datasheet HTML 7Page - fujitsu semiconductor MB3882 Datasheet HTML 8Page - fujitsu semiconductor MB3882 Datasheet HTML 9Page - fujitsu semiconductor MB3882 Datasheet HTML 10Page - fujitsu semiconductor MB3882 Datasheet HTML 11Page - fujitsu semiconductor MB3882 Datasheet HTML 12Page - fujitsu semiconductor MB3882 Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
MB3882
9
(Continued)
(VCC
= 12 V, VB = 0 mA, VREF = 0 mA, Ta = +25 °C)
Parameter
Symbol Pin No.
Conditions
Value
Unit
Min.
Typ.
Max.
10. Output
Block
[Drive]
Dead time
tD1
8, 11,
17, 14
RT
= 10 kΩ, CT = 470 pF
OUT1
= OUT2 = OPEN,
VS
= 0 V
OUT2 :
− OUT1 :
100
200
ns
tD2
RT
= 10 kΩ, CT = 470 pF
OUT1
= OUT2 = OPEN,
VS
= 0 V
OUT1 :
− OUT2 :
100
250
ns
11.
Overvoltage
Detection
Comparator
Block
[OVP]
Threshold
voltage
VTH
7, 18
+INC =
1.44
1.47
1.50
V
Input bias
current
IB
7, 18
+INC = 0 V
−200
−30
nA
12.
General
Power supply
current
ICC
23

11
16.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com