Electronic Components Datasheet Search
  English  ▼

X  

MB3882 Datasheet(PDF) 23 Page - fujitsu semiconductor

Part # MB3882
Description  2-channel DC/DC Converter IC with Synchronous Rectifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3882 Datasheet(HTML) 23 Page - fujitsu semiconductor

Back Button MB3882 Datasheet HTML 19Page - fujitsu semiconductor MB3882 Datasheet HTML 20Page - fujitsu semiconductor MB3882 Datasheet HTML 21Page - fujitsu semiconductor MB3882 Datasheet HTML 22Page - fujitsu semiconductor MB3882 Datasheet HTML 23Page - fujitsu semiconductor MB3882 Datasheet HTML 24Page - fujitsu semiconductor MB3882 Datasheet HTML 25Page - fujitsu semiconductor MB3882 Datasheet HTML 26Page - fujitsu semiconductor MB3882 Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
MB3882
23
Using the above formulas to determine power consumption, settings should be made with reference to the “Power
Consumption vs. Input Voltage” on the following page, as well as the “Power dissipation vs. Ambient Temperature.”
Drive
1-1
Drive
2-1
23
13
10
8
A
9
11
12
L1
VO1
Vin
VCC
5 V
IB
VB
CB1
VS1
PGND
OUT1-1
OUT2-1
CVB
I1
I2
Crss1
Crss2
Ciss1
Ciss2
Q1
Q2
t
T2
T1
T
VOUT1-1
VOUT2-1
I1
I2
Bias current
Ibias1 2 mA
Bias current
Ibias2
2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com