Electronic Components Datasheet Search
  English  ▼

X  

MB3882 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB3882
Description  2-channel DC/DC Converter IC with Synchronous Rectifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3882 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB3882 Datasheet HTML 17Page - fujitsu semiconductor MB3882 Datasheet HTML 18Page - fujitsu semiconductor MB3882 Datasheet HTML 19Page - fujitsu semiconductor MB3882 Datasheet HTML 20Page - fujitsu semiconductor MB3882 Datasheet HTML 21Page - fujitsu semiconductor MB3882 Datasheet HTML 22Page - fujitsu semiconductor MB3882 Datasheet HTML 23Page - fujitsu semiconductor MB3882 Datasheet HTML 24Page - fujitsu semiconductor MB3882 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MB3882
21
s
s
s
s OVERVOLTAGE PROTECTION CIRCUIT VOTAGE SETTING
Overvoltage conditions in the DC/DC converter output voltage can be detected by connecting external resistance
from the DC/DC converter output voltage to the
+INC1 terminal (pin 7) and +INC2 terminal (pin 18) on the
respective overvoltage protection comparator circuits (OVP comp. 1, 2) .
When the output voltage of the DC/DC converter rises above the detection voltage, the overvoltage protection
comparator (OVP Comp. 1, 2) output goes to “H” level, setting a latch and shutting off the corresponding channel.
Each of the overvoltage protection circuit latches operates independently.
Detection voltage
VOVP (V) := 1.47
× (R3 + R4) /R4
Once the protection circuit has been activated, it can be reset by lowering the VCC voltage below the reset
voltage (1.7 V min.) .
+
−
18
7
VO
R3
R4
(+INC2)
+INC1
OVP
Comp.
1.47 V
RQ
S
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com