Electronic Components Datasheet Search
  English  ▼

X  

MB3882 Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB3882
Description  2-channel DC/DC Converter IC with Synchronous Rectifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3882 Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB3882 Datasheet HTML 14Page - fujitsu semiconductor MB3882 Datasheet HTML 15Page - fujitsu semiconductor MB3882 Datasheet HTML 16Page - fujitsu semiconductor MB3882 Datasheet HTML 17Page - fujitsu semiconductor MB3882 Datasheet HTML 18Page - fujitsu semiconductor MB3882 Datasheet HTML 19Page - fujitsu semiconductor MB3882 Datasheet HTML 20Page - fujitsu semiconductor MB3882 Datasheet HTML 21Page - fujitsu semiconductor MB3882 Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
MB3882
18
s
s
s
s SOFT START TIME SETTING
The soft start function prevents rush current events when the IC power is turned on, by connecting soft start
capacitors (Cs1, Cs2) to the CS1 terminal (pin 4) for channel 1, and the CS2 terminal (pin 21) for channel 2.
When the IC is activated (Vcc
≥ UVLO threshold voltage) , Q2 and Q3 are off and the CS1 and CS2 terminals
begin charging the externally connected soft start capacitors (Cs1, Cs2) at 10
µA.
Because the error Amp. output (FB1, FB2) is determined by the ratio of the lower of the two non-inverted input
terminals (1.25 V, CS terminal voltage) to the inverted input terminal voltage (
−INE) , the soft start interval (when
CS terminal voltage
< 1.25 V) FB is determined by the ratio of the −INE terminal voltage and CS terminal voltage.
Thus the DC/DC converter output voltage rises in proportion to the rise in the CS terminal voltage as the soft
start capacitor connected to the CS terminal charges. The soft start time is determined by the following formula.
Soft start time (time to output 100
%)
ts (s) := 0.125
× Cs (µF)
CS terminal voltage
2.3 V
1.25 V
0 V
Error Amp. block comparison voltage
to
−INE voltage
Soft start time ts
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com