Electronic Components Datasheet Search
  English  ▼

X  

MB3882 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB3882
Description  2-channel DC/DC Converter IC with Synchronous Rectifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3882 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB3882 Datasheet HTML 4Page - fujitsu semiconductor MB3882 Datasheet HTML 5Page - fujitsu semiconductor MB3882 Datasheet HTML 6Page - fujitsu semiconductor MB3882 Datasheet HTML 7Page - fujitsu semiconductor MB3882 Datasheet HTML 8Page - fujitsu semiconductor MB3882 Datasheet HTML 9Page - fujitsu semiconductor MB3882 Datasheet HTML 10Page - fujitsu semiconductor MB3882 Datasheet HTML 11Page - fujitsu semiconductor MB3882 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MB3882
8
(VCC
= 12 V, VB = 0 mA, VREF = 0 mA, Ta = +25 °C)
* : Typical setting value
(Continued)
Parameter
Symbol Pin No.
Conditions
Value
Unit
Min.
Typ.
Max.
7.
Error Amp
Block
[Error Amp.]
Frequency
band width
BW
6, 19
AV
= 0 dB
800*
kHz
Output voltage
VFBH
6, 19
2.2
2.5
V
VFBL
6, 19

0.8
1.0
V
Output source
current
ISOURCE
6, 19
FB
= 1.6 V
−100
−45
µA
Output sink
current
ISINK
6, 19
FB
= 1.6 V
1.5
9.0
mA
8.
PWM
Comparator
Block
[PWM Comp.]
Threshold
voltage
VTL
6, 19
Duty cycle
= 0%
1.2
1.3
V
VTH
6, 19
Duty cycle
= Dtr
1.81
2.0
V
9.
Dead time
Adjustment
Block
[DTC]
Maximum
duty cycle
Dtr
8, 17
RT
= 10 kΩ,
CT
= 470 pF
85
90
95
%
10. Output
Block
[Drive]
Output current
(main side)
ISOURCE1
8, 17
Duty
≤ 5%
(t
= 1 / fOSC × Duty)
−700*
mA
ISINK1
8, 17
Duty
≤ 5%
(t
= 1 / fOSC × Duty)
900*
mA
Output voltage
(main side)
VOH1
8, 17
OUT1
= −100 mA,
CB
= 17 V, VS = 12 V
CB
−
2.5
CB
−
0.9
V
VOL1
8, 17
OUT1
= 100 mA,
CB
= 17 V, VS = 12 V
VS
+
0.9
VS
+
1.4
V
Output current
(synchronous
rectifier side)
ISOURCE2
11, 14
Duty
≤ 5%
(t
= 1 / fOSC × Duty)
−750*
mA
ISINK2
11, 14
Duty
≤ 5%
(t
= 1 / fOSC × Duty)
900*
mA
Output voltage
(synchronous
rectifier side)
VOH2
11, 14
OUT2
= −100 mA
2.5
4.1
V
VOL2
11, 14
OUT2
= 100 mA
1.0
1.4
V
Diode voltage
VD
10, 15
VB
= 10 mA
0.9
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com